Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL912 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL912
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL912 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL912 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
ASB Inc.
 sales@asb.co.kr
June 2017
ASL912
1. Product Overview
1.1
Features
 50 ~ 1200 MHz Bandwidth
 13.0 dB Gain at 500 MHz
 Positive Gain Slope
 CSO : 69 dBc, CTB : 66 dBc
@ Pout = 110 dB
V flat for NTSC 79 channels + QAM256 75 channels, -6 dB offset
 Robust under Hard Operating Conditions
 +10 V, 620 mA Supply
1.2
Applications
 CATV Line Amplifiers
 HFC Nodes
 Head End Equipment
1.3
Package Profile & RoHS Compliance
TSSOP24, 7.8x6.4 mm2, surface mount
RoHS-compliant
ASL912 Data Sheet
1.2 GHz CATV Push-pull Amplifier MMIC


Similar Part No. - ASL912

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
logo
DFI Inc
ASL968 DFI-ASL968 Datasheet
981Kb / 2P
Intel® Atom® Processor Amston Lake Series COM Express® Compact
ASL9A2 DFI-ASL9A2 Datasheet
1Mb / 3P
Intel® Atom® Processor Amston Lake Series COM Express® Mini
ASL9A2-TC16-7433RE DFI-ASL9A2-TC16-7433RE Datasheet
1Mb / 3P
Intel® Atom® Processor Amston Lake Series COM Express® Mini
ASL9A2-TC16-7835RE DFI-ASL9A2-TC16-7835RE Datasheet
1Mb / 3P
Intel® Atom® Processor Amston Lake Series COM Express® Mini
More results

Similar Description - ASL912

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB51D7 ASB-AWB51D7 Datasheet
500Kb / 10P
1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB51D9 ASB-AWB51D9 Datasheet
302Kb / 9P
1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL59D4 ASB-ASL59D4 Datasheet
875Kb / 15P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
ASL882 ASB-ASL882 Datasheet
874Kb / 16P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
1.2GHz CATV Push-pull Amplifier MMIC
March 2017
AWB31D2 ASB-AWB31D2 Datasheet
876Kb / 15P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
AWB31D7 ASB-AWB31D7_17 Datasheet
846Kb / 15P
1.2GHz CATV Push-pull Amplifier MMIC
June 2017
AWB31F5 ASB-AWB31F5 Datasheet
452Kb / 7P
1.2 GHz CATV Push-pull Amplifier MMIC
July 2015
AWB51D9 ASB-AWB51D9_17 Datasheet
508Kb / 9P
1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com