Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL912 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASL912
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL912 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASL912 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL912 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
ASB Inc.
 sales@asb.co.kr
June 2017
ASL912
5. Application: 50 ~ 1200 MHz (75
 Push-pull, Vsupply = +10 V)
5.1
Application Circuit & Evaluation Board
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
L1
L2
L3
L4
R1
R2
R3
R4
R5
R6
T1
T2
R7
ASL912
Vdevice = +10 V
Vdevice = +10 V
RF OUT
RF IN
(MABACT0040)
(MABA007159)
ASL912
ASB Inc.
Transformer
RF OUT
1 : 1
RF IN
+Vsupply
Transformer
1 : 1
http://www.asb.co.kr
EB-T24-H3
GND
+Vsupply
GND
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-T24-H3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com