Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC908RF Datasheet(PDF) 39 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 39 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 35Page - Motorola, Inc 68HC908RF Datasheet HTML 36Page - Motorola, Inc 68HC908RF Datasheet HTML 37Page - Motorola, Inc 68HC908RF Datasheet HTML 38Page - Motorola, Inc 68HC908RF Datasheet HTML 39Page - Motorola, Inc 68HC908RF Datasheet HTML 40Page - Motorola, Inc 68HC908RF Datasheet HTML 41Page - Motorola, Inc 68HC908RF Datasheet HTML 42Page - Motorola, Inc 68HC908RF Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
Memory
FLASH 2TS Memory
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Memory
39
The row whose cycling bit is different will be erased and the entire row will be
programmed with the given data, including a toggled version of the cycling bit.
2.5.8.5 Example Routine Calls
This code is for illustrative purposes only and does not represent valid syntax for
any particular assembler.
RAM
EQU
$80
RDVRRNG
EQU
$F000
PRGRNGE
EQU
$F003
ERANRGE
EQU
$F006
REDPROG
EQU
$F009
;*************************************************************
RAM Definitions for Subroutines
;**************************************************************
ORG
RAM+8
CTRLBYT
RMB
1
CPUSPD
RMB
1
LADDR
RMB
2
BUMPS
RMB
1
DERASE
RMB
2
;Allocation of “DATA” space is dependent on the device and
;application
DATA
RMB
8
;*************************************************************
; CALLING EXAMPLE FOR READ/VERIFY A RANGE (RDVRRNG)
;**************************************************************
LDA
#$FF
;TARGET IS RAM
LDHX
#$7807
;END AFTER FIRST ROW
STHX
LADDR
LDHX
#$7800
;START AT FIRST ROW
JSR
RDVRRNG
;DATA WILL CONTAIN FLASH INFO
;*************************************************************;
CALLING EXAMPLE FOR ERASE A RANGE (RNGEERA)
;**************************************************************
MOV
#$08,CPUSPD
;Load Bus frequency in MHz * 4
MOV
#$60,CTRLBYT
;Bits 5&6 hold the block size to erase
;00
Full Array
;20
One-Half Array
;40
Eight Rows
;60
Singe Row
;Remember a Row is 1 byte
;Set erase time in uS/24, number in
;decimal
LDHX
#100000/24
STHX
DERASE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com