Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC908RF Datasheet(PDF) 73 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 73 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 69Page - Motorola, Inc 68HC908RF Datasheet HTML 70Page - Motorola, Inc 68HC908RF Datasheet HTML 71Page - Motorola, Inc 68HC908RF Datasheet HTML 72Page - Motorola, Inc 68HC908RF Datasheet HTML 73Page - Motorola, Inc 68HC908RF Datasheet HTML 74Page - Motorola, Inc 68HC908RF Datasheet HTML 75Page - Motorola, Inc 68HC908RF Datasheet HTML 76Page - Motorola, Inc 68HC908RF Datasheet HTML 77Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 188 page
background image
Internal Clock Generator Module (ICG)
Functional Description
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
73
the low-frequency base clock (IBASE) is used in place of ICLK because it always
operates at or near 307.2 kHz. For proper operation, EREF must be at least twice
as slow as IBASE and IREF must be at least twice as slow as ECLK.
To guarantee that IREF is slower than ECLK and EREF is slower than IBASE, one
of the signals is divided down. Which signal is divided and by how much is
determined by the external slow (EXTSLOW) bit in the configuration register,
according to the rules in Table 6-2. Note that each signal (IBASE and ECLK) is
always divided by four. A longer divider is used on either IBASE or ECLK based on
the EXTSLOW bit.
NOTE:
If EXTSLOW is not set according to the rules defined in Table 6-2, the clock
monitor could switch clock sources unexpectedly.
The long divider (divide by 4096) is also used as an external crystal stabilization
divider. The divider is reset when the external clock generator is off (ECGEN is
clear). When the external clock generator is first turned on, the external clock
generator stable bit (ECGS) will be clear. This condition automatically selects
ECLK as the input to the long divider. The external stabilization clock (ESTBCLK)
will be ECLK divided by 4096. This timeout allows the crystal to stabilize. The falling
edge of ESTBCLK is used to set ECGS. (ECGS will set after a full 16 or 4096
cycles.) When ECGS is set, the divider returns to its normal function. ESTBCLK
may be generated by either IBASE or ECLK, but any clocking will reinforce only the
set condition. If ECGS is cleared because the clock monitor determined that ECLK
was inactive, the divider will revert to a stabilization divider. Since this will change
the EREF and IREF divide ratios, it is important to turn the clock monitor off
(CMON = 0) after inactivity is detected to ensure valid recovery.
Table 6-2. Clock Monitor Reference Divider Ratios
ICGON ECGON ECGS EXTSLOW
External
Frequency
EREF
Divider
Ratio
EREF
Frequency
ESTBCLK
Divider
Ratio
ESTBCLK
Frequency
IREF
Divider
Ratio
IREF
Frequency
0
x
x
x
U
U
U
U
U
Off
0
x
0
0
x
0Off
0Off
0
U
U
xx
0
x
Min 30 kHz
Off
0
4096
(ECLK)
1.875 kHz
1*4
76.8 kHz
±25%
Max 8 MHz
500 kHz
xx
1
0
Min 1 MHz
128*4
1.953 kHz
4096
(ECLK)
244 Hz
1*4
76.8 kHz
±25%
Max 8 MHz
15.63 kHz
1.953 kHz
xx
1
1
Min 30 kHz
1*4
7.5 kHz
4096
(IBASE)
75 Hz
±25%
16*4
4.8 kHz
±25%
Max 100 kHz
25.0 kHz
U: Unaffected. Refer to section of table where ICGON or ECGON is set to x (don’t care).
IBASE is always used as the internal frequency (307.2 kHz).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com