Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC908RF Datasheet(PDF) 48 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 48 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 44Page - Motorola, Inc 68HC908RF Datasheet HTML 45Page - Motorola, Inc 68HC908RF Datasheet HTML 46Page - Motorola, Inc 68HC908RF Datasheet HTML 47Page - Motorola, Inc 68HC908RF Datasheet HTML 48Page - Motorola, Inc 68HC908RF Datasheet HTML 49Page - Motorola, Inc 68HC908RF Datasheet HTML 50Page - Motorola, Inc 68HC908RF Datasheet HTML 51Page - Motorola, Inc 68HC908RF Datasheet HTML 52Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 188 page
background image
Computer Operating Properly Module (COP)
Data Sheet
MC68HC908RF2 — Rev. 4.0
48
Computer Operating Properly Module (COP)
MOTOROLA
The COP counter is a free-running 6-bit counter preceded by a 12-bit prescaler. If
not cleared by software, the COP counter overflows and generates an
asynchronous reset after 213 –24 or 218 –24 CGMXCLK cycles, depending on the
state of the COP rate select bit, COPRS, in the configuration register. When
COPRS = 1, a 4.9152-MHz crystal gives a COP timeout period of 53.3 ms. Writing
any value to location $FFFF before an overflow occurs prevents a COP reset by
clearing the COP counter and stages 5 through 12 of the prescaler.
NOTE:
Service the COP immediately after reset and before entering or after exiting stop
mode to guarantee the maximum time before the first COP counter overflow.
A COP reset pulls the RST pin low for 32 CGMXCLK cycles and sets the COP bit
in the SIM reset status register (SRSR).
In monitor mode, the COP is disabled if the RST pin or the IRQ pin is held at VTST.
During the break state, VTST on the RST pin disables the COP.
NOTE:
Place COP clearing instructions in the main program and not in an interrupt
subroutine. Such an interrupt subroutine could keep the COP from generating a
reset even while the main program is not working properly.
4.3 I/O Signals
The following paragraphs describe the signals shown in Figure 4-1.
4.3.1 CGMXCLK
CGMXCLK is the oscillator output signal. See 6.3.5 Clock Selection Circuit for a
description of CGMXCLK.
4.3.2 STOP Instruction
The STOP instruction clears the COP prescaler.
4.3.3 COPCTL Write
Writing any value to the COP control register (COPCTL) (see 4.4 COP Control
Register) clears the COP counter and clears stages 12 through 5 of the COP
prescaler. Reading the COP control register returns the reset vector.
4.3.4 Power-On Reset
The power-on reset (POR) circuit clears the COP prescaler 4096 CGMXCLK
cycles after power-up.
4.3.5 Internal Reset
An internal reset clears the COP prescaler and the COP counter.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com