Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC908RF Datasheet(PDF) 21 Page - Motorola, Inc

Part # 68HC908RF
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC908RF Datasheet(HTML) 21 Page - Motorola, Inc

Back Button 68HC908RF Datasheet HTML 17Page - Motorola, Inc 68HC908RF Datasheet HTML 18Page - Motorola, Inc 68HC908RF Datasheet HTML 19Page - Motorola, Inc 68HC908RF Datasheet HTML 20Page - Motorola, Inc 68HC908RF Datasheet HTML 21Page - Motorola, Inc 68HC908RF Datasheet HTML 22Page - Motorola, Inc 68HC908RF Datasheet HTML 23Page - Motorola, Inc 68HC908RF Datasheet HTML 24Page - Motorola, Inc 68HC908RF Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Memory
21
Data Sheet — MC68HC908RF2
Section 2. Memory
2.1 Introduction
The memory map, shown in Figure 2-1, includes:
•
2031 bytes of user FLASH memory
•
128 bytes of random-access memory (RAM)
•
14 bytes of user-defined vectors in FLASH memory
•
768 bytes of monitor read-only memory (ROM)
These definitions apply to the memory map representation of reserved and
unimplemented locations:
•
Reserved — Accessing a reserved location can have unpredictable effects
on MCU operation.
•
Unimplemented — Accessing an unimplemented location causes an illegal
address reset.
2.2 Input/Output Section
Addresses $0000–$003F, shown in Figure 2-2, contain most of the control, status,
and data registers. Additional I/O registers have these addresses:
•
$FE00 — SIM break status register, SBSR
•
$FE01 — SIM reset status register, SRSR
•
$FE02 — SIM break flag control register, BFCR
•
$FE08 — FLASH control register, FLCR
•
$FE0C — BREAK address register high, BRKH
•
$FE0D — BREAK address register low, BRKL
•
$FE0E — BREAK status and control register, BSCR
•
$FE0F — LVI status register, LVISR
•
$FFF0 — FLASH block protection register, FLBPR
•
$FFFF — COP control register, COPCTL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com