Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2004 May 19
7
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
Type 74HCT2G66
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C; note 1
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
1.6
−
V
VIL
LOW-level input voltage
4.5 to 5.5
−
1.2
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
Is(OFF)
analog switch current,
OFF-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.7
−
0.1
1.0
µA
Is(ON)
analog switch current,
ON-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.8
−
0.1
1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
Vis = GND or VCC;
Vos =VCC or GND
4.5 to 5.5
−−
10
µA
∆ICC
additional supply current
per input
VI =VCC − 2.1 V;
IO =0A
4.5 to 5.5
−−
375
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
Is(OFF)
analog switch current,
OFF-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.7
−−
1.0
µA
Is(ON)
analog switch current,
ON-state
VI =VIH or VIL;
VS =VCC − GND;
see Fig.8
−−
1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
Vis = GND or VCC;
Vos =VCC or GND
4.5 to 5.5
−−
20
µA
∆ICC
additional supply current
per input
VI =VCC − 2.1 V;
IO =0A
4.5 to 5.5
−−
410
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com