Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74HC2G66DP Datasheet HTML 12Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 13Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 14Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 15Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 16Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 17Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 18Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 19Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2004 May 19
17
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
handbook, full pagewidth
open
GND
50 pF
VCC
VCC
VI
VO
MNA742
D.U.T.
CL =
RT
RL =
1 k
Ω
PULSE
GENERATOR
S1
handbook, full pagewidth
MNA089
tTHL (tf)tTLH (tr)
VM
tW
positive
input pulse
negative
input pulse
0 V
amplitude
90%
10%
tTLH (tr)tTHL (tf)
VM
tW
0 V
amplitude
90%
10%
Fig.18 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
TEST
S1
tPLH/tPHL
open
tPLZ/tPZL
VCC
tPHZ/tPZH
GND
Input pulse definition:
tr =tf = 6 ns, when measuring fmax, there is no constraint on tr, tf with 50% duty factor.
74HC2G66: VM = 50%; VI = GND to VCC.
74HCT2G66: VM = 1.3 V; VI = GND to 3.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com