Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC2G66DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2004 May 19
3
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT nE
SWITCH
L
OFF
HON
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
OUTLINE
VERSION
MARKING
74HC2G66DP
−40 °C to +125 °C
8
TSSOP8
plastic
SOT505-2
H66
74HCT2G66DP
−40 °C to +125 °C
8
TSSOP8
plastic
SOT505-2
T66
PIN
SYMBOL
DESCRIPTION
1
1Y
independent input or output
2
1Z
independent input or output
3
2E
enable input (active HIGH)
4
GND
ground (0 V)
5
2Y
independent input or output
6
2Z
independent input or output
7
1E
enable input (active HIGH)
8VCC
supply voltage
handbook, halfpage
66
MNB002
1
2
3
4
1Y
1Z
2E
GND
VCC
1E
2Z
2Y
8
7
6
5
Fig.1 Pin configuration.
MNB003
handbook, halfpage
1Y
1E
2Z
1Z
2Y
2E
Fig.2 Logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com