Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G66DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G66DP
Description  Bilateral switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G66DP Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G66DP Datasheet HTML 1Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 2Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2004 May 19
2
Philips Semiconductors
Product specification
Bilateral switches
74HC2G66; 74HCT2G66
FEATURES
• Wide supply voltage range from 2.0 V to 9.0 V
• Very low ON-resistance:
–41
Ω (typical) at VCC = 4.5 V
–30
Ω (typical) at VCC = 6.0 V
–21
Ω (typical) at VCC = 9.0 V.
• High noise immunity
• Low power dissipation
•± 25 mA switch current
• SOT505-2 package
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and
−40 °C to +125 °C.
DESCRIPTION
The 74HC2G66/74HCT2G66 is a high-speed Si-gate
CMOS device.
The 74HC2G66/74HCT2G66 provides a dual analog
switch. Each switch has two pins (nY and nZ) for input or
output and an active HIGH enable input (pin E). When
pin E is LOW, the belonging analog switch is turned off.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6.0 ns; Vos is the output voltage at pins nY or nZ, whichever is assigned as an output.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi +(CL +CS) × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
CS = Switch capacitance in pF;
VCC = supply voltage in Volts.
2. For 74HC2G66 the condition is VI = GND to VCC.
For 74HCT2G66 the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC2G
HCT2G
tPZH/tPZL
turn-on time nE to Vos
CL = 50 pF; RL =1kΩ;VCC = 4.5 V 12
13
ns
tPHZ/tPLZ
turn-off time nE to Vos
CL = 50 pF; RL =1kΩ;VCC = 4.5 V 12
13
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch notes 1 and 2
9
9
pF
CS
switch capacitance
8
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com