Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953ASV Datasheet(PDF) 40 Page - Analog Devices

Part # AD9953ASV
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953ASV Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9953ASV Datasheet HTML 34Page - Analog Devices AD9953ASV Datasheet HTML 35Page - Analog Devices AD9953ASV Datasheet HTML 36Page - Analog Devices AD9953ASV Datasheet HTML 37Page - Analog Devices AD9953ASV Datasheet HTML 38Page - Analog Devices AD9953ASV Datasheet HTML 39Page - Analog Devices AD9953ASV Datasheet HTML 40Page - Analog Devices AD9953ASV Datasheet HTML 41Page - Analog Devices AD9953ASV Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
operation is complete. All data written to (read from) the AD9953 must be (will be) in MSB first
order. If the LSB mode is active, the serial port controller will generate the least significant byte
address first followed by the next greater significant byte addresses until the IO operation is
complete. All data written to (read from) the AD9953 must be (will be) in LSB first order.
Example Operation
To write the Amplitude Scale Factor register in MSB first format apply an instruction byte of 02h
(serial address is 00010(b)). From this instruction, the internal controller will generate an internal
byte address of 07h (see the register map) for the first data byte written and an internal address of
08h for the next byte written. Since the Amplitude Scale Factor register is two bytes wide, this
ends the communication cycle.
To write the Amplitude Scale Factor register in LSB first format apply an instruction byte of 40h.
From this instruction, the internal controller will generate an internal byte address of 07h (see the
register map) for the first data byte written and an internal address of 08h for the next byte written.
Since the Amplitude Scale Factor register is two bytes wide, this ends the communication cycle.
RAM I/O Via Serial Port
Accessing the RAM via the serial port is identical to any other serial IO operation except that the
number of bytes transferred is determined by the address space between the beginning address and
the final address as specified in the current RAM Segment Control Word (RSCW). The final
address describes the most significant word address for all IO transfers and the beginning address
specifies the least significant address.
RAM I/O supports MSB/LSB first operation. When in MSB first mode, the first data byte will be
for the most significant byte of the memory address described by the final address with the
remaining three bytes making up the lesser significant bytes of that address. The remaining bytes
come in most significant to least significant, destined for RAM addresses generated in descending
order until the final four bytes are written into the address specified as the beginning address.
When in LSB first mode, the first data byte will be for the least significant byte of the memory
(specified by the beginning address) with the remaining three bytes making up the greater
significant bytes of that address. The remaining bytes come in least significant to most significant,
destined for RAM addresses generated in ascending order until the final four bytes are written into
the memory address described by the final address. Of course, the bit order for all bytes is least
significant to most significant first when in the LSB first bit is set. When the LSB first bit is
cleared (default) the bit order for all bytes is most significant to least significant.
The RAM uses serial address 01011(b), so the instruction byte to write the RAM is 0Bh, in MSB
first notation. As mentioned above, the RAM addresses generated are specified by the beginning
and final address of the RSCW currently selected by the Profile<1:0> pins.
REV. PrB 1/30/03
Page 40
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com