Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953ASV Datasheet(PDF) 32 Page - Analog Devices

Part # AD9953ASV
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953ASV Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9953ASV Datasheet HTML 28Page - Analog Devices AD9953ASV Datasheet HTML 29Page - Analog Devices AD9953ASV Datasheet HTML 30Page - Analog Devices AD9953ASV Datasheet HTML 31Page - Analog Devices AD9953ASV Datasheet HTML 32Page - Analog Devices AD9953ASV Datasheet HTML 33Page - Analog Devices AD9953ASV Datasheet HTML 34Page - Analog Devices AD9953ASV Datasheet HTML 35Page - Analog Devices AD9953ASV Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
Cos(X)
DDS Core
To DAC
OSK Enable
CFR<25>
0
1
Amplitude Scale
Factor Register
(ASF)
0
1
0
0
1
Out
HOLD
Up/Dn
OSK Pin
Amplitude Ramp
Rate Register
(ARR)
Load
Data
EN
Load OSK Timer
CFR1<26>
SyncClock
Clock
inc/dec Enable
Ramp Rate Timer
Auto Scale Factor Generator
AUTO OSK
Enable
CFR<24>
Figure C. On-Off Shaped Keying, Block Diagram
AUTO Shaped On-Off Keying mode operation:
The AUTO Shaped On-Off Keying mode is active when CFR1<25> and CFR1<24> are set. When
AUTO Shaped On-Off Keying mode is enabled, a single scale factor is internally generated and
applied to the multiplier input for scaling the output of the DDS core block (See Figure 9 above).
The scale factor is the output of a 14-bit counter which increments/decrements at a rate determined
by the contents of the 8-bit output ramp rate register. The scale factor increases if the OSK pin is
high, decreases if the pin is low. The scale factor is an unsigned value such that all zeros multiplies
the DDS core output by 0 (decimal) and 3FFFh multiplies the DDS core output by 16383 decimal.
For those users who use the full amplitude (14-bits) but need fast ramp rates, the internally
generated scale factor step size is controlled via the ASF<15:14> bits. The table below describes
the increment/decrement step size of the internally generated scale factor per the ASF<15:14> bits.
REV. PrB 1/30/03
Page 32
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com