Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953ASV Datasheet(PDF) 20 Page - Analog Devices

Part # AD9953ASV
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953ASV Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9953ASV Datasheet HTML 16Page - Analog Devices AD9953ASV Datasheet HTML 17Page - Analog Devices AD9953ASV Datasheet HTML 18Page - Analog Devices AD9953ASV Datasheet HTML 19Page - Analog Devices AD9953ASV Datasheet HTML 20Page - Analog Devices AD9953ASV Datasheet HTML 21Page - Analog Devices AD9953ASV Datasheet HTML 22Page - Analog Devices AD9953ASV Datasheet HTML 23Page - Analog Devices AD9953ASV Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
When CFR1<9> = 1, the serial data I/O pin (SDIO) is configured as an input only pin
(3-wire serial programming mode).
CFR1<8>: LSB First.
When CFR1<8> = 0 (default), MSB first format is active.
When CFR1<8> = 1, the serial interface accepts serial data in LSB first format.
CFR1<7>: Digital Power Down bit.
When CFR1<7> = 0 (default), all digital functions and clocks are active.
When CFR1<7> = 1, all non-IO digital functionality is suspended and all heavily
loaded clocks are stopped. This bit is intended to lower the digital power to nearly
zero, without shutting down the PLL clock multiplier function or the DAC.
CFR1<5>: DAC Power Down bit.
When CFR1<5> = 0 (default), the DAC is enabled for operation.
When CFR1<5> = 1, the DAC is disabled and is in its lowest power dissipation state.
CFR1<4>: Clock Input Power Down bit.
When CFR1<4> = 0 (default), the clock input circuitry is enabled for operation.
When CFR1<4> = 1, the clock input circuitry is disabled and the device is in its
lowest power dissipation state.
CFR1<3>: External Power Down Mode.
When CFR1<3> = 0 (default) the external power down mode selected is the “fast
recovery power down” mode. In this mode, when the PwrDwnCtl input pin is high,
the digital logic and the DAC digital logic are powered down. The DAC bias
circuitry, comparator, PLL, oscillator, and clock input circuitry is NOT powered
down.
When CFR1<3> = 1, the external power down mode selected is the “full power
down” mode. In this mode, when the PwrDwnCtl input pin is high, all functions are
powered down. This includes the DAC and PLL, which take a significant amount of
time to power up.
REV. PrB 1/30/03
Page 20
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com