Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9953ASV Datasheet(PDF) 18 Page - Analog Devices

Part # AD9953ASV
Description  400 MSPS 14-Bit, 1.8V CMOS Direct Digital Synthesizer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9953ASV Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9953ASV Datasheet HTML 14Page - Analog Devices AD9953ASV Datasheet HTML 15Page - Analog Devices AD9953ASV Datasheet HTML 16Page - Analog Devices AD9953ASV Datasheet HTML 17Page - Analog Devices AD9953ASV Datasheet HTML 18Page - Analog Devices AD9953ASV Datasheet HTML 19Page - Analog Devices AD9953ASV Datasheet HTML 20Page - Analog Devices AD9953ASV Datasheet HTML 21Page - Analog Devices AD9953ASV Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
PRELIMINARY TECHNICAL DATA
AD9953
CFR1<20>: Amplitude dither enable bit.
When CFR1<20> = 0 (default), amplitude dithering is disabled.
When CFR1<20> = 1, amplitude dithering is enabled.
CFR1<19>: Phase bit <16> dither enable bit.
When CFR1<19> = 0 (default), phase dithering for truncated phase words, bit 16 of
<31:13>, is disabled.
When CFR1<19> = 1, phase dithering for truncated phase words, bit 16 of <31:13>,
is enabled.
CFR1<18>: Phase bit <15> dither enable bit.
When CFR1<18> = 0 (default), phase dithering for truncated phase words, bit 15 of
<31:13>, is disabled.
When CFR1<18> = 1, phase dithering for truncated phase words, bit 15 of <31:13>,
is enabled.
CFR1<17>: Phase bit <14> dither enable bit.
When CFR1<17> = 0 (default), phase dithering for truncated phase words, bit 14 of
<31:13>, is disabled.
When CFR1<17> = 1, phase dithering for truncated phase words, bit 14 of <31:13>,
is enabled.
CFR1<16>: Phase bit <13> dither enable bit.
When CFR1<16> = 0 (default), phase dithering for truncated phase words, bit 13 of
<31:13>, is disabled.
When CFR1<16> = 1, phase dithering for truncated phase words, bit 13 of <31:13>,
is enabled.
CFR1<14>: Auto Clear Frequency Accumulator bit.
When CFR1<14> = 0 (default), a new delta frequency word is applied to the input, as
in normal operation, but not loaded into the accumulator.
REV. PrB 1/30/03
Page 18
Analog Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com