Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27CP-R-PC-CF Datasheet(PDF) 2 Page - DDK Ltd.

Part # 27CP-R-PC-CF
Description  75 廓 SMB Style Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27CP-R-PC-CF Datasheet(HTML) 2 Page - DDK Ltd.

  27CP-R-PC-CF Datasheet HTML 1Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 2Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 3Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 4Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
27CP Series
2
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○ Straight Cable Plug
○ Right Angle Cable Plug
Part Number
Applicable
Cable
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
27CP-P-1.5-CF
1.5C−2V
Ni
Au
1
CR-H-1100
27CP-P-1.5W-CF
1.5C−2W
Ni
Au
CR-H-1100
27CP-P-2.5-CF
2.5C−2V
Ni
Au
1
CR-H-1100
Part Number
Applicable
Cable
φA
L1
L2
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
27CP-LP-1.5-CF
1.5C−2V
5.5 14.40 15.5
Ni
Au
2
CR-H-1100
27CP-LP-1.5W-CF 1.5C−2W 5.5 14.35 15.5
Ni
Au
CR-H-1100
1.5C−2WX
27CP-LP-2.5W-CF 2.5C−2W 6.0 14.35 15.5
Ni
Au
CR-H-15285
27CP-LP-2.5-CF
2.5C−2V
5.5 14.40 15.5
Ni
Au
2
CR-H-1100
○ Straiught Balkhead Cable Jack
○Straiught Bulkhead Receptacle
Part Number
Finish
Outer
Conductor
Center
Conductor
27CP-BR-CF
Ni
Au
Part Number
Applicable
Cable
φA
L
Finish
Assembly
Instruction Crimp Tool
Outer
Conductor
Center
Conductor
27CP-BJ-1.5-CF
1.5C−2V
5.5
17.10
Ni
Au
CR-H-1100
27CP-BJ-1.5W-CF 1.5C−2W
5.5
17.07
Ni
Au
1
CR-H-1100
27CP-BJ-2.5-CF
2.5C−2V
5.5
17.10
Ni
Au
CR-H-1100
27CP-BJ-2.5W-CF 2.5C−2W
6.0
17.00
Ni
Au
CR-H-15285
□0.8
5.08
8.0
10.4
7.5
1.27
5.08 0.1
2.54 0.05
□8
5.08
15.5
5.08 0.1
2.54 0.05
1.2
φ8.4
1.2
φ8.4
L
9.5
6.5
φA
L2
7.9
16.5
9.5
10.7
14.8
0.5
5-φ1.3
+0.1
0
5-φ1.3
+0.1
0
□0.8
□0.8
5.08
8.0
10.4
7.5
1.27
5.08 0.1
2.54 0.05
□8
5.08
15.5
5.08 0.1
2.54 0.05
1.2
φ8.4
1.2
φ8.4
L
9.5
6.5
φA
L2
7.9
16.5
9.5
10.7
14.8
0.5
5-φ1.3
+0.1
0
5-φ1.3
+0.1
0
□0.8
□0.8
5.08
8.0
10.4
7.5
1.27
5.08 0.1
2.54 0.05
□8
5.08
15.5
5.08 0.1
2.54 0.05
1.2
φ8.4
1.2
φ8.4
L
9.5
6.5
φA
L2
7.9
16.5
9.5
10.7
14.8
0.5
5-φ1.3
+0.1
0
5-φ1.3
+0.1
0
□0.8
□0.8
5.08
8.0
10.4
7.5
1.27
5.08 0.1
2.54 0.05
□8
5.08
15.5
5.08 0.1
2.54 0.05
1.2
φ8.4
1.2
φ8.4
L
9.5
6.5
φA
L2
7.9
16.5
9.5
10.7
14.8
0.5
5-φ1.3
+0.1
0
5-φ1.3
+0.1
0
□0.8
□0.8
5.08
8.0
10.4
7.5
1.27
5.08 0.1
2.54 0.05
□8
5.08
15.5
5.08 0.1
2.54 0.05
1.2
φ8.4
1.2
φ8.4
L
9.5
6.5
φA
L2
7.9
16.5
9.5
10.7
14.8
0.5
5-φ1.3
+0.1
0
5-φ1.3
+0.1
0
□0.8
Panel Mounting Dimensions
Mounting Panel Thickness:2.4mm max.
Mounting Panel Thickness:2.4mm max.
Panel Mounting Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com