Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27CP-R-PC-CF Datasheet(PDF) 5 Page - DDK Ltd.

Part # 27CP-R-PC-CF
Description  75 廓 SMB Style Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27CP-R-PC-CF Datasheet(HTML) 5 Page - DDK Ltd.

  27CP-R-PC-CF Datasheet HTML 1Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 2Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 3Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 4Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
27CP Series
5
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Assembly Instruction(2)
L1
15.0
3
Ferule
Ferule
2.8
2.8
Soldering
Rear Insulator
Front Insulator
①
②
③
④
⑤
⑥
① Cut the cable as fig.1.
The cable length require for the cable assembly
L=L1+15+3
② Insert the ferule between outer conductor and
sheath when the cable is 2.5C-2V.
Insert the ferule until ferule contacts with the
sheath when the cable is 1.5C-2V.
④ Insert the boot into the cable and insert the
center conductor into the body as fig.4.
Crimp the root of the body.
⑤ Insert the rear insulator into the center
conductor.
Cut the center conductor in 1.6mm and pre-
soldering.
Insert the contact and solder.
⑥ Insert the front insulator into the contact and
twist in the interface.
Cover the heat-shrinkable tube and heat up.
③ Pick the outer conductor and turn down to the
ferule. Cut the extra outer conductor along the
ferule. Cut the center conductor as fig.3.
Please be careful to not damage the center
conductor. Pre-solder the center conductor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com