Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27CP-R-PC-CF Datasheet(PDF) 4 Page - DDK Ltd.

Part # 27CP-R-PC-CF
Description  75 廓 SMB Style Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27CP-R-PC-CF Datasheet(HTML) 4 Page - DDK Ltd.

  27CP-R-PC-CF Datasheet HTML 1Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 2Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 3Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 4Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Unit:mm
http://www.ddknet.co.jp
27CP Series
4
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
○Assembly Instruction(1)
L1
A
3
Ferule
Ferule
B
C
B
C
Heat-shrinkable tube
Soldering
Same level
Finish
2.5C-2V
1.5C-2V
① Cut the cable as fig.1.
The cable length require for the cable assembly
L=L1+A+3
Part Number
A
27CP-P-1.5-CF
6.4mm
27CP-P-2.5-CF
6.4mm
27CP-BJ-1.5W-CF
8.0mm
② Insert the ferule between outer conductor and
sheath when the cable is 2.5C-2V.
Insert the ferule until ferule contacts with the
sheath when the cable is 1.5C-2V.
①
②
③
④
⑤
⑥
③ Pick the outer conductor and turn down to the
ferule. Cut the extra outer conductor along the
ferule. Cut the center conductor as fig.3.
Please be careful to not damage the center
conductor. Pre-solder the center conductor.
Part Number
B
C
27CP-P-1.5-CF
2.0mm
1.6mm
27CP-P-2.5-CF
2.0mm
1.6mm
27CP-BJ-1.5W-CF
2.0mm
3.0mm
④ Insert the contact and solder from side hole.
Please be careful to not make gap between
contact and center conductor of the cable and
not damage the insulator by heat. When the
solder is stick out, please shave the extra solder
along the contact. Insert the heat-shrinkable
tube.
⑤ Insert the above contact into the body and
crimp the root of the body as fig.5.
⑥ Cover the heat shrinkable tube on the root of the
body and heat up.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com