Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27CP-R-PC-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # 27CP-R-PC-CF
Description  75 廓 SMB Style Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27CP-R-PC-CF Datasheet(HTML) 1 Page - DDK Ltd.

  27CP-R-PC-CF Datasheet HTML 1Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 2Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 3Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 4Page - DDK Ltd. 27CP-R-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
27CP Series
75 Ω SMB Style Coaxial Connector
121226
Measurement equipments, Broadcasting, CATV, HDTV
APPLICATIONS
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Shell (Body)
Copper Alloy / Ni or Au Plating
Contact (Male)
Copper Alloy / Au Plating
Contact (Female) Copper Alloy / Au Plating
Insulator
PTFE
Characteristic Impedance
 75 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1000V AC(r.m.s.)for1 minute
Insulation Resistance
1000M Ω Mim. at 500V DC
Contact Resistance
6m Ω Max.
V.S.W.R.
1.5 max. at DC to 500MHz
Operating Temperature
-40 〜 +85℃
SPECIFICATIONS
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
MATERIAL/FINISH
・27CP series is a SMB connector which
corresponding to 75 Ω .
・Low profile coaxial connector with push on lock
mechanism. It is suitable to the applications of
internal equipments.
・Push-on locking mechanism provides quick and
reliable connection.
・Incompatible to 27DPseries(50 Ω SMB connector)
FEATURE
Frequency
Range
DC to 500MHz
75 Ω
Lock Type
Push On
Characteristic
Impedance


Similar Part No. - 27CP-R-PC-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP-R-PC DDK-27CP-R-PC Datasheet
198Kb / 5P
75廓 SMB Type Connectors
More results

Similar Description - 27CP-R-PC-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
logo
Pomona Electronics
6746A POMONA-6746A Datasheet
234Kb / 2P
BNC (M) Compression Style, 75 廓
logo
DDK Ltd.
BNC DDK-BNC_12 Datasheet
2Mb / 15P
BNC style connector is one of the most popular 50 廓 coaxial connector.
N-SERIES DDK-N-SERIES Datasheet
321Kb / 12P
N Style Coaxial Connector
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
SMB Style Connector
logo
Hirose Electric
H.FL75 HIROSE-H.FL75 Datasheet
437Kb / 6P
75 廓 Small Coaxial Connectors (SMT Low Profi le)
logo
Pulse A Technitrol Comp...
BZ-H175S PULSE-BZ-H175S Datasheet
408Kb / 2P
Matches balanced 100廓 twisted pair cable to 75廓 unbalanced coaxial cable
logo
DDK Ltd.
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
BNC75-P-1.5CQEW-CF DDK-BNC75-P-1.5CQEW-CF Datasheet
265Kb / 9P
75 廓 BNC Style Connector
logo
Huber+Suhner, Inc.
46_SMB-50-0-2111_N HUBERSUHNER-46_SMB-50-0-2111_N Datasheet
568Kb / 2P
COAXIAL ADAPTER, SMB, 50 Ohm, T-style, 3 jacks (female)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com