Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61577 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS61577 Datasheet HTML 14Page - Cirrus Logic CS61577 Datasheet HTML 15Page - Cirrus Logic CS61577 Datasheet HTML 16Page - Cirrus Logic CS61577 Datasheet HTML 17Page - Cirrus Logic CS61577 Datasheet HTML 18Page - Cirrus Logic CS61577 Datasheet HTML 19Page - Cirrus Logic CS61577 Datasheet HTML 20Page - Cirrus Logic CS61577 Datasheet HTML 21Page - Cirrus Logic CS61577 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
the register. In either mode, a reset will set all reg-
isters to 0 and force the oscillator to its center
frequency before initiating calibration. A reset
will also set LOS high.
Power Supply
The device operates from a single +5 Volt supply.
Separate pins for transmit and receive supplies
provide internal isolation. These pins should be
connected externally near the device and decou-
pled to their respective grounds. TV+ must not
exceed RV+ by more than 0.3V.
Decoupling and filtering of the power supplies is
crucial for the proper operation of the analog cir-
cuits in both the transmit and receive paths. A 1.0
µF capacitor should be connected between TV+
and TGND, and a 0.1
µF capacitor should be con-
nected between RV+ and RGND. Use mylar or
ceramic capacitors and place them as closely as
possible to their respective power supply pins. A
68
µF tantalum capacitor should be added close
to the RV+/RGND supply. Wire-wrap bread-
boarding of the line interface is not recommended
because lead resistance and inductance serve to
defeat the function of the decoupling capacitors.
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
CS61577
18
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com