Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61577 Datasheet(HTML) 2 Page - Cirrus Logic

  CS61577 Datasheet HTML 1Page - Cirrus Logic CS61577 Datasheet HTML 2Page - Cirrus Logic CS61577 Datasheet HTML 3Page - Cirrus Logic CS61577 Datasheet HTML 4Page - Cirrus Logic CS61577 Datasheet HTML 5Page - Cirrus Logic CS61577 Datasheet HTML 6Page - Cirrus Logic CS61577 Datasheet HTML 7Page - Cirrus Logic CS61577 Datasheet HTML 8Page - Cirrus Logic CS61577 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
DC Supply
(referenced to RGND=TGND=0V)
RV+
TV+
-
-
6.0
(RV+) + 0.3
V
V
Input Voltage, Any Pin
(Note 1)
Vin
RGND-0.3
(RV+) + 0.3
V
Input Current, Any Pin
(Note 2)
Iin
-10
10
mA
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
WARNING:Operations at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes:
1. Excluding RTIP, RRING, which must stay within -6V to (RV+) + 0.3V.
2. Transient currents of up to 100 mA will not cause SCR latch-up. Also TTIP, TRING, TV+ and TGND
can withstand a continuous current of 100 mA.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
DC Supply
(Note 3) RV+, TV+
4.75
5.0
5.25
V
Ambient Operating Temperature
TA
-40
25
85
°C
Power Consumption
(Notes 4,5)
PC
-400
500
mW
Power Consumption
(Notes 4,6)
PC
-230
-
mW
Notes:
3. TV+ must not exceed RV+ by more than 0.3V.
4. Power consumption while driving line load over operating temperature range. Includes IC and load.
Digital input levels are within 10% of the supply rails and digital outputs are driving a 50 pF
capacitive load.
5. Assumes 100% ones density and maximum line length at 5.25V.
6. Assumes 50% ones density and 300ft. line length at 5.0V.
DIGITAL CHARACTERISTICS (TA = -40
°C to 85°C; TV+, RV+ = 5.0V ±5%; GND = 0V)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(Notes 7, 8)
PINS 1-4, 17, 18, 23-28
VIH
2.0
-
-
V
Low-Level Input Voltage
(Notes 7, 8)
PINS 1-4, 17, 18, 23-28
VIL
--
0.8
V
High-Level Output Voltage
(Notes 7, 8, 9)
IOUT = -40 µA
PINS 6-8, 11, 12, 25
VOH
4.0
-
-
V
Low-Level Output Voltage
(Notes 7, 8, 9)
IOUT = 1.6 mA
PINS 6-8, 11, 12, 23, 25
VOL
--
0.4
V
Input Leakage Current (Except Pin 5)
-
-
±10
µA
Low-Level Input Voltage, PIN 5
VIL
--
0.2
V
High-Level Input Voltage, PIN 5
VIH
(RV+) - 0.2
-
-
V
Mid-Level Input Voltage, PIN 5
(Note 10)
VIM
2.3
-
2.7
V
Notes:
7. In Extended Hardware Mode, pins 17 and 18 are digital inputs. In Host Mode, pin 23 is
an open drain output and pin 25 is a tristate output.
8. This specification guarantees TTL compatibility (VOH = 2.4V @ IOUT = -40
µA).
9. Output drivers will drive CMOS logic levels into a CMOS load.
10. As an alternative to supplying a 2.3-to-2.7V input, this pin may be left floating.
CS61577
2
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com