Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61577 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS61577 Datasheet HTML 23Page - Cirrus Logic CS61577 Datasheet HTML 24Page - Cirrus Logic CS61577 Datasheet HTML 25Page - Cirrus Logic CS61577 Datasheet HTML 26Page - Cirrus Logic CS61577 Datasheet HTML 27Page - Cirrus Logic CS61577 Datasheet HTML 28Page - Cirrus Logic CS61577 Datasheet HTML 29Page - Cirrus Logic CS61577 Datasheet HTML 30Page - Cirrus Logic CS61577 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61577
IN
HARDWARE
MODE
Line
Length
Setting
RECEIVE
LINE
TRANSMIT
LINE
28
1
26
27
5
7
6
8
3
4
2
9
10
XTL
+
68
µF
RGND
0.1
µF
+5V
21
15
+
1.0
µF
TGND
RV+
TV+
TAOS
ACLKI
RLOOP
LLOOP
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
LEN0
LEN1
LEN2
RTIP
RRING
MTIP
MRING
TRING
TTIP
23
24
25
19
20
17
18
16
13
R1
R2
1
3
5
2
6
0.47
µF
2
6
1
5
1:2CT
PE-65351
2CT:1
PE-65351
12
11
LOS
DPM
Figure A2. 120
Ω, E1 Hardware Mode Configuration
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61577
IN
EXTENDED
HARDWARE
MODE
Line
Length
Setting
RECEIVE
LINE
TRANSMIT
LINE
17
18
6
28
5
7
8
3
2
9
10
XTL
+
68
µF
RGND
0.1
µF
+5V
21
15
+
1.0
µF
TGND
RV+
TV+
RCODE
PCS
BPV
TAOS
MODE
RDATA
RCLK
TDATA
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
LEN0
LEN1
LEN2
RTIP
RRING
TRING
TTIP
23
24
25
19
20
16
13
R1
R2
1
3
5
2
6
0.47
µF
2
6
1
5
1:2CT
PE-65351
2CT:1
PE-65351
1
26
ACLKI
RLOOP
27
12
LLOOP
LOS
11
AIS
4
TCODE
R3
Note:
R3 is used for LEN2/1/0 = 0/0/0, but
not required with LEN2/1/0 = 0/0/1.
Figure A3. 75
Ω, E1 Extended Hardware Mode Configuration
CS61577
DS155PP2
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com