Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61577 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS61577
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61577 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS61577 Datasheet HTML 21Page - Cirrus Logic CS61577 Datasheet HTML 22Page - Cirrus Logic CS61577 Datasheet HTML 23Page - Cirrus Logic CS61577 Datasheet HTML 24Page - Cirrus Logic CS61577 Datasheet HTML 25Page - Cirrus Logic CS61577 Datasheet HTML 26Page - Cirrus Logic CS61577 Datasheet HTML 27Page - Cirrus Logic CS61577 Datasheet HTML 28Page - Cirrus Logic CS61577 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
28 pin
Plastic DIP
1
28
15
14
MILLIMETERS
INCHES
DIM
MINMAX
MINMAX
D
B
A
L
∝
C
13.72
14.22 0.540
0.560
36.45
1.02
0.36
0.51
3.94
3.18
0.20
0°
15.24
37.21
1.65
0.56
1.02
5.08
3.81
0.38
15°
1.435
0.040
0.014
0.020
0.155
0.125
0.600
0.008
0°
1.465
0.065
0.022
0.040
0.200
0.150
0.015
15°
15.87
0.625
2.41
2.67 0.095
0.105
C
eA
E1
D
B
SEATING
PLANE
A
B1
e1
A1
L
∝
NOTES:
1. POSITIONAL TOLERANCE OF LEADS SHALL BE WITHIN
0.25mm (0.010") AT MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND EACH OTHER.
2. DIMENSION eA TO CENTER OF LEADS WHEN FORMED PARALLEL.
3. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH.
NOM
13.97
36.83
1.27
0.46
0.76
4.32
-
0.25
-
-
2.54
NOM
0.550
1.450
0.050
0.018
0.030
0.170
-
-
0.010
-
0.100
A1
B1
E1
e1
eA
E
E1
D1
D
D2/E2
28-pin PLCC
28
D2/E2
MAX
MIN
MAX
MIN
MILLIMETERS
INCHES
DIM
A
4.57
4.20
0.180
0.165
D/E
12.32
12.57 0.485
0.495
B
0.53
0.33
0.021
0.013
e
A
A1
B
e
2.29
0.090
11.43
11.58 0.450
0.456
9.91
10.92 0.390
0.430
1.19
1.35 0.047
0.053
NOM
4.45
12.45
0.41
2.79
11.51
10.41
1.27
NOM
0.175
0.490
0.016
0.110
0.453
0.410
0.050
3.04
0.120
D1/E1
A1
CS61577
DS155PP2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com