Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412TP Datasheet(PDF) 34 Page - Microchip Technology

Part # HCS412TP
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412TP Datasheet(HTML) 34 Page - Microchip Technology

Back Button HCS412TP Datasheet HTML 30Page - Microchip Technology HCS412TP Datasheet HTML 31Page - Microchip Technology HCS412TP Datasheet HTML 32Page - Microchip Technology HCS412TP Datasheet HTML 33Page - Microchip Technology HCS412TP Datasheet HTML 34Page - Microchip Technology HCS412TP Datasheet HTML 35Page - Microchip Technology HCS412TP Datasheet HTML 36Page - Microchip Technology HCS412TP Datasheet HTML 37Page - Microchip Technology HCS412TP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
HCS412
DS41099C-page 34
Preliminary
© 2002 Microchip Technology Inc.
7.0
PROGRAMMING THE HCS412
The HCS412 requires some parameters programmed
into the device before it can be used. The programming
cycle allows the user to input all 288 bits in a serial data
stream, which are then stored internally in EEPROM.
Programming is initiated by forcing the DATA line high,
after the S2 line has been held high for the appropriate
length of time line (Table 7-1 and Figure 7-2).
A delay is required after entering Program mode while
the automatic bulk erase cycle completes. The bulk
erase writes all EEPROM locations to zeros.
The device is then programmed by clocking in the
EEPROM memory map (Least Significant bit first) 16
bits at a time, using S2 as the clock line and DATA as
the data-in line. After each 16-bit word is loaded, a pro-
gramming delay is required for the internal program
cycle to complete. This delay can take up to Twc.
The HCS412 will signal a ‘write complete’ after writing
each 16-bit word by sending out a series of ACK pulses
TACKH high, TACKL low on DATA. The ACK pulses con-
tinue until S2 is dropped.
Programming verification is allowed only once, after the
programming cycle (Figure 7-3), by reading back the
EEPROM memory map. Reading is done by clocking
the S2 line and reading the data bits on DATA, again
Least Significant bit first. For security reasons, it is not
possible to execute a Verify function without first pro-
gramming the EEPROM.
FIGURE 7-1:
CREATION AND STORAGE OF CRYPT KEY DURING PRODUCTION
FIGURE 7-2:
PROGRAMMING WAVEFORMS
FIGURE 7-3:
VERIFY WAVEFORMS
Note:
To ensure that the device does not acci-
dentally enter Programming mode, DATA
should never be pulled high by the circuit
connected to it. Special care should be
taken when driving PNP RF transistors.
Transmitter
Manufacturer’s
Serial Number
Code
Crypt
Key
Key
Generation
Algorithm
Serial Number
Crypt Key
Sync Counter
.
.
.
HCS412
Production
Programmer
EEPROM Array
DATA
Enter Program
Mode
(Data)
(Clock)
Note 1: S0 and S1 button inputs to be held to ground during the entire programming sequence.
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14
Bit 15
Bit 16
Bit 17
TPH1
TPBW
TPS
Repeat for each word (18 times total)
TPH2
TCLKH
TCLKL
TWC
TDS
S2
Data for Word 1
TDH
TCLKL
Initiate Data
Polling Here
Write Cycle
Complete Here
Calibration Pulses
Ack
Ack
Ack
Data for Word 0
(KEY1_0)
(KEY1_1)
DATA
(Clock)
(Data)
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
End of Programming Cycle
Beginning of Verify Cycle
Bit 1 Bit 2
Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit190 Bit191
TWC
Data from Word 0
TDV
S2
Bit 0
Bit191
Bit190
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com