Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412TP Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS412TP
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412TP Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS412TP Datasheet HTML 12Page - Microchip Technology HCS412TP Datasheet HTML 13Page - Microchip Technology HCS412TP Datasheet HTML 14Page - Microchip Technology HCS412TP Datasheet HTML 15Page - Microchip Technology HCS412TP Datasheet HTML 16Page - Microchip Technology HCS412TP Datasheet HTML 17Page - Microchip Technology HCS412TP Datasheet HTML 18Page - Microchip Technology HCS412TP Datasheet HTML 19Page - Microchip Technology HCS412TP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
HCS412
DS41099C-page 16
Preliminary
© 2002 Microchip Technology Inc.
3.4.8
QLVS FEATURES
Setting the HCS412’s special QLVS (‘Quick Secure
Learning’) configuration option enables the following
options:
• Reduces the time (TDSD) before a delayed seed
transmission begins.
• Disables DATA modulation when the LED pin is
driven low (Figure 3-11).
- If the PLL Interface option is set to ASK, the
DATA pin will go low while the LED pin is low.
- If the PLL Interface option is set to FSK, the
DATA pin will go high and the RFEN output
will go low while the LED pin is low. If the bat-
tery is low, the HCS412 transmits only until
the LED goes on.
• If the Temporary Seed (TMPSD) option is
enabled, seed transmission capability can be dis-
abled by applying the button sequence shown in
Figure 3-12
FIGURE 3-11: LED, DATA, RFEN INTERACTION WHEN QLVS IS SET
FIGURE 3-12: SEED DISABLE WAVEFORM
SWITCH
LED
DATA
S2/RFEN/LC1
DATA
S2/RFEN/LC1
TLEDON
TTD
AFSK = 1 (FSK)
AFSK = 0 (ASK)
QLVS = 1, RFEN = 1
S0, S1
1200 ms
50 ms
50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com