Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412TP Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS412TP
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412TP Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS412TP Datasheet HTML 5Page - Microchip Technology HCS412TP Datasheet HTML 6Page - Microchip Technology HCS412TP Datasheet HTML 7Page - Microchip Technology HCS412TP Datasheet HTML 8Page - Microchip Technology HCS412TP Datasheet HTML 9Page - Microchip Technology HCS412TP Datasheet HTML 10Page - Microchip Technology HCS412TP Datasheet HTML 11Page - Microchip Technology HCS412TP Datasheet HTML 12Page - Microchip Technology HCS412TP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 9
HCS412
TABLE 3-1:
ENCODER MODE ACTIVATION
3.2
Transmitted Code Word
The HCS412 transmits a 69-bit code word in response
to a button or proximity activation (Figure 3-1). Each
code word contains a 50% duty cycle preamble,
header, 32 bits of encrypted data and 37 bits of fixed
code data followed by a guard period before another
code word can begin.
The 32 bits of Encrypted Data include 4 button bits, 2
counter overflow bits, 10 discrimination bits and the 16-
bit synchronization counter value (Figure 3-2).
The content of the 37 bits of Fixed Code Data varies
with the extended serial number (XSER) option
(Figure 3-2).
• If the extended serial number option is disabled
(XSER = 0), the 37 bits include 5 status bits, 4
button status bits and the 28-bit serial number.
• If the extended serial number option is enabled
(XSER = 1), the 37 bits include 5 status bits and
the 32-bit serial number.
FIGURE 3-1:
CODE WORD FORMAT
4-Bit Button Status
SEED
TMPSD
Resulting Transmission
LC0
(Note 1)
S2
S1
S0
X
0
0
1
X
X
Code hopping transmission
X
0
1
0
X
X
Code hopping transmission
X
0
1
1
0
0
Code hopping transmission
01
Code hopping code words until time = TDSD, then seed code words.
SEED transmissions temporarily enabled until the 7lsb’s of the synchro-
nization counter wrap 7Fh to 00h. Then only code hopping code words.
1
0
Code hopping code words until time = TDSD, then seed code words.
1
1
Code hopping transmission (2 key IFF enabled)
X
1
0
1
X
X
Code hopping transmission
X
1
0
0
X
X
Code hopping transmission
X
1
1
0
X
X
Code hopping transmission
X
1
1
1
0
0
Code hopping transmission
01
Limited SEED transmissions - temporarily enabled until the 7lsb’s of the
synchronization counter wrap 7Fh to 00h.
1
0
SEED transmission
1
1
Code hopping transmission (2 key IFF enabled)
1
0
0
0
X
X
Proximity activated code hopping transmission.
Note 1: The transmitted button status will reflect the state of the LC0 input when the button inputs are sampled.
Preamble
Header
Encrypted Portion
of Transmission
Fixed Portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
50% Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com