Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS412TP Datasheet(PDF) 35 Page - Microchip Technology

Part # HCS412TP
Description  KEELOQ Code Hopping Encoder and Transponder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS412TP Datasheet(HTML) 35 Page - Microchip Technology

Back Button HCS412TP Datasheet HTML 31Page - Microchip Technology HCS412TP Datasheet HTML 32Page - Microchip Technology HCS412TP Datasheet HTML 33Page - Microchip Technology HCS412TP Datasheet HTML 34Page - Microchip Technology HCS412TP Datasheet HTML 35Page - Microchip Technology HCS412TP Datasheet HTML 36Page - Microchip Technology HCS412TP Datasheet HTML 37Page - Microchip Technology HCS412TP Datasheet HTML 38Page - Microchip Technology HCS412TP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41099C-page 35
HCS412
7.1
EEPROM Organization
TABLE 7-1:
HCS412 EEPROM ORGANIZATION
TABLE 7-2:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
16Bit
Word
BITS
15
14
13
12
11
10
98
765
43
21
0
1
KEY1_1
KEY1_0 (KEY1 LSB)
2
KEY1_3
KEY1_2
3
KEY1_5
KEY1_4
4
KEY1_7 (KEY1 MSB)
KEY1_6
5
SEED_1 / KEY2_1
SEED_0 / KEY2_0 (SEED AND KEY2 LSB)
6
SEED_3 / KEY2_3
SEED_2 / KEY2_2
7
SEED_5 / KEY2_5 / TCODE_1
SEED_4 / KEY2_4 / TCODE_0 (TCODE LSB)
8
SEED_7 / KEY2_7 /
TCODE_3 (MSB for all 3)
SEED_6 / KEY2_6 / TCODE_2
9
RFBSL
LFSP
OSCT
10
1
0
32
10
10
OVR
10bit Discrimination Value
1
0
9
876
54
321
0
11
SER1
SER0
12
SER3
SER2
13
USR0 MSB
USR0 LSB
14
USR1 MSB
USR1 LSB
15
USR2 MSB
USR2 LSB
16
USR3 MSB
USR3 LSB
17
CNT1 (Counter MSB)
CNT0 (Counter LSB)
18
Reserved, set to 0
Reserved, set to 0
VDD = 5.0V ± 10%, 25
° C ± 5 °C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
TPS
25.0
ms
Hold time 1
TPH14.0
ms
Hold time 2
TPH250
µs
Bulk Write time
TPBW
4.0
ms
Program delay time
TPROG
4.0
ms
Program cycle time
TWC
50
ms
Clock low time
TCLKL
50
µs
Clock high time
TCLKH
50
µs
Data setup time
TDS
0—
µs
Data hold time
TDH
18
µs
Data out valid time
TDV
30
µs
Hold time
TPHOLD
100
µs
Acknowledge low time
TACKL
800
µs
Acknowledge high time
TACKH
800
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com