Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5822 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5822
Description  10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5822 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5822 Datasheet HTML 1Page - E-CMOS Corporation EC5822 Datasheet HTML 2Page - E-CMOS Corporation EC5822 Datasheet HTML 3Page - E-CMOS Corporation EC5822 Datasheet HTML 4Page - E-CMOS Corporation EC5822 Datasheet HTML 5Page - E-CMOS Corporation EC5822 Datasheet HTML 6Page - E-CMOS Corporation EC5822 Datasheet HTML 7Page - E-CMOS Corporation EC5822 Datasheet HTML 8Page - E-CMOS Corporation EC5822 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10MHz, Low-Power, CMOS,
Rail-to-Rail Dual Operational Amplifier
EC5822
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 1 of 12
General Description
The
EC5822
is
wideband,
low-noise,
low-distortion
dual
operational
amplifier,
that
offer
rail-to-rail
inputs/outputs
and single-supply
operation
down
to
2.2V. They draw 1.6mA of quiescent supply current
while featuring ultra-low distortion(0.0002% THD+N), as
well as low input voltage-noise density (15nV/
Hz)
and low input current-noise density (0.5fA/
Hz).
These features make the devices an ideal choice for
applications that require low distortion and/or low noise.
These amplifiers have inputs and outputs which swing rail-
to-rail and their input common-mode voltage range includes
ground.
The maximum input offset of these amplifiers is less
than 5mV. The EC5822 are unity-gain stable with a
gain-bandwidth product
of 10MHz.The
EC5822
is
available
in
SOP8
and
MSOP8
packages.
The
extended temperature range of -40°C to +125°C over all
supply
voltages
offers
additional
design
flexibility.
Features
● Single-Supply Operation from +2.2V ~ +5.5V
● Rail-to-Rail Input / Output
● Gain-Bandwidth Product: 10MHz (Typ.)
● Low Input Bias Current: 10pA (Typ.)
● Low Offset Voltage:5mV(Max.)
● Quiescent Current: 800
μA per Amplifier (Typ.)
● Operating Temperature: -40°C ~ +125°C
● Available in SOP8 and MSOP8 Packages
Applications
● Portable Equipment
● Mobile Communications
● Smoke Detector
● Sensor Interface
● Medical Instrumentation
● Battery-Powered Instruments
● Handheld Test Equipment
Pin Assignments
Figure 1. Pin Assignment Diagram (SOP8 and MSOP8 Package)


Similar Part No. - EC5822

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5821NNB2R E-CMOS-EC5821NNB2R Datasheet
343Kb / 11P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5821NNM1R E-CMOS-EC5821NNM1R Datasheet
343Kb / 11P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
More results

Similar Description - EC5822

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
E-CMOS Corporation
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5821 E-CMOS-EC5821 Datasheet
343Kb / 11P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
Rail-to-rail CMOS dual operational amplifier
06-Nov-2012
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com