Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5822 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC5822
Description  10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5822 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC5822 Datasheet HTML 1Page - E-CMOS Corporation EC5822 Datasheet HTML 2Page - E-CMOS Corporation EC5822 Datasheet HTML 3Page - E-CMOS Corporation EC5822 Datasheet HTML 4Page - E-CMOS Corporation EC5822 Datasheet HTML 5Page - E-CMOS Corporation EC5822 Datasheet HTML 6Page - E-CMOS Corporation EC5822 Datasheet HTML 7Page - E-CMOS Corporation EC5822 Datasheet HTML 8Page - E-CMOS Corporation EC5822 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
10MHz, Low-Power, CMOS,
Rail-to-Rail Dual Operational Amplifier
EC5822
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 3 of 12
Rail-to-Rail Output
Rail-to-Rail output swing provides maximum possible dynamic range at the output. This is particularly
important when operating in low supply voltages. The output voltage of EC5822 series can typically swing to
less than 10mV from supply rail in light resisti
ve loads (>100kΩ), and 60mV of supply rail in moderate resistive
loads (10kΩ).
Capacitive Load Tolerance
The EC5822 series can directly drive 250pF capacitive load in unity-gain without oscillation. Increasing the
gain enhances the
amplifier’s ability to drive greater capacitive loads. In unity-gain configurations, the
capacitive load drive can be improved by inserting an isolation resistor RISO in series with the capacitive load,
as shown in Figure 2.
Figure 2. Indirectly Driving a Capacitive Load Using Isolation Resistor
The bigger the RISO resistor value, the more stable VOUT will be. However, if there is a resistive load
RL in parallel with the capacitive load, a voltage divider (proportional to RISO/RL) is formed, this will result in a
gain error. The circuit in Figure 3 is an improvement to the one in Figure 2. RF provides the DC accuracy by
feed-forward the VIN to RL. CF and RISO serve to counteract the loss of phase margin by feeding the high
frequency component of the output signal back to the
amplifier’s inverting input, thereby preserving the phase
margin in the overall feedback loop. Capacitive drive can be increased
Figure 3. Indirectly Driving a Capacitive Load with DC Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com