Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5822 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5822
Description  10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5822 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5822 Datasheet HTML 1Page - E-CMOS Corporation EC5822 Datasheet HTML 2Page - E-CMOS Corporation EC5822 Datasheet HTML 3Page - E-CMOS Corporation EC5822 Datasheet HTML 4Page - E-CMOS Corporation EC5822 Datasheet HTML 5Page - E-CMOS Corporation EC5822 Datasheet HTML 6Page - E-CMOS Corporation EC5822 Datasheet HTML 7Page - E-CMOS Corporation EC5822 Datasheet HTML 8Page - E-CMOS Corporation EC5822 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
10MHz, Low-Power, CMOS,
Rail-to-Rail Dual Operational Amplifier
EC5822
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 2 of 12
Ordering Information
Part Number
Package
Marking
Marking Information
EC5822NNR1R
MSOP-8L
5822
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
EC5822NNM1R
SOP-8L
EC5822
LLLLL
YYWWT
Application Information
Size
EC5822 series op amps are unity-gain stable and suitable for a wide range of general-purpose
applications. The small footprints of the EC5822 series packages save space on printed circuit boards and
enable the design of smaller electronic products.
Power Supply Bypassing and Board Layout
EC5822 series operates from a single 2.2V to 5.5V supply or dual ±1.1V to ±2.75V supplies. For best
performance, a 0.1μF ceramic capacitor should be placed close to the VDD pin in single supply operation. For
dual supply operation, both VDD and VSS
supplies should be bypassed to ground with separate 0.1μF
ceramic capacitors.
Low Supply Current
The low supply
current (typical 800μA) of EC5822 series will help to maximize battery life. They are ideal for
battery powered systems
Operating Voltage
EC5822 series operate under wide input supply voltage (2.2V to 5.5V). In addition, all temperature
specifications apply from -40℃ to +125℃. Most behavior remains unchanged throughout the full operating
voltage range. These guarantees ensure operation throughout the single Li-Ion battery lifetime
Rail-to-Rail Input
The input common-mode range of EC5822 series extends 100mV beyond the supply rails (VSS-0.1V
to VDD+0.1V). This is achieved by using complementary input stage. For normal operation, inputs should be
limited to this range.
EC5822NN XX X
R1:MSOP-8L
M1:SOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com