Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5822 Datasheet(PDF) 12 Page - E-CMOS Corporation

Part # EC5822
Description  10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5822 Datasheet(HTML) 12 Page - E-CMOS Corporation

Back Button EC5822 Datasheet HTML 4Page - E-CMOS Corporation EC5822 Datasheet HTML 5Page - E-CMOS Corporation EC5822 Datasheet HTML 6Page - E-CMOS Corporation EC5822 Datasheet HTML 7Page - E-CMOS Corporation EC5822 Datasheet HTML 8Page - E-CMOS Corporation EC5822 Datasheet HTML 9Page - E-CMOS Corporation EC5822 Datasheet HTML 10Page - E-CMOS Corporation EC5822 Datasheet HTML 11Page - E-CMOS Corporation EC5822 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
10MHz, Low-Power, CMOS,
Rail-to-Rail Dual Operational Amplifier
EC5822
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 12 of 12
Package Information
MSOP-8
Note:
1. Controlling Dimension: MM
2. Dimension D and E1 do not include Mold protrusion
3. Refer to Jedec standard MO187
4. Drawing is not to scale
SYMBOLS DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
1.10
--
--
0.043
A1
0.05
--
0.15
0.002
--
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.25
--
0.40
0.010
--
0.016
C
0.13
--
0.23
0.005
--
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
2.90
3.00
3.10
0.114
0.118
0.122
E1
4.90 BSC
0.193 BSC
e
0.65 BSC
0.026 BSC
L
--
--
0.55
--
--
0.022
Θ
0
--
7°
0
--
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com