Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9210 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC9210
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9210 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC9210 Datasheet HTML 1Page - E-CMOS Corporation EC9210 Datasheet HTML 2Page - E-CMOS Corporation EC9210 Datasheet HTML 3Page - E-CMOS Corporation EC9210 Datasheet HTML 4Page - E-CMOS Corporation EC9210 Datasheet HTML 5Page - E-CMOS Corporation EC9210 Datasheet HTML 6Page - E-CMOS Corporation EC9210 Datasheet HTML 7Page - E-CMOS Corporation EC9210 Datasheet HTML 8Page - E-CMOS Corporation EC9210 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9210
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 16
5E29N-Rev.F002
Absolute Maximum Ratings
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended
operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Recommended Operating Conditions
Thermal Characteristics
Symbol
Parameter
Typical
Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
TSOT23-5
220
℃/W
θ
JC
Junction-to-Case Resistance
TSOT23-5
120
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com