Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9210 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC9210
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9210 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC9210 Datasheet HTML 2Page - E-CMOS Corporation EC9210 Datasheet HTML 3Page - E-CMOS Corporation EC9210 Datasheet HTML 4Page - E-CMOS Corporation EC9210 Datasheet HTML 5Page - E-CMOS Corporation EC9210 Datasheet HTML 6Page - E-CMOS Corporation EC9210 Datasheet HTML 7Page - E-CMOS Corporation EC9210 Datasheet HTML 8Page - E-CMOS Corporation EC9210 Datasheet HTML 9Page - E-CMOS Corporation EC9210 Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9210
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 16
5E29N-Rev.F002
Electrical Characteristics
(TA=25°C, Unless otherwise specified)
Symbol Parameter
Test Conditions
EC9210
Unit
Min.
Typ.
Max.
VIN
Input Voltage
TA=‐40~85oC TJ=-40~120 ℃
2.7
---
6
V
IDD1
Input DC Bias Current
VFB=1.3V,no switching
---
300
‐---
uA
IDD2
VFB=1.1V, switching
---
2
5
mA
ISD
EN=GND
---
‐---
1
µA
UVLO Threshold Voltage
VIN Rising
2.0
2.2
2.4
V
UVLO Hysteresis Voltage
VIN Falling
50
100
150
mV
VREF
Regulated Feedback Voltage
VIN=2.7V~6V, TA = 25 ℃
1.212
1.23
1.248
V
VIN=2.7V~6V, TA = -40 ~ 85 ℃
1.205
---
1.255
IFB
FB Input Current
-50
---
50
nA
FSW
Switching Frequency
1.25
1.5
1.75
MHz
RON
Power Switch On Resistance
---
0.2
---
Ω
ILIM
Power Switch Current Limit
2.2
---
---
A
LX Leakage Current
VEN = 0V, VLX = 0V or 6V,
VIN = 6V
-1
---
1
uA
DMAX
LX Maximum Duty Cycle
92
95
98
%
TSS
Soft‐Start Duration
---
2
3
ms
VTEN
EN Voltage Threshold
VEN Rising
0.4
0.7
1
V
EN Voltage Hysteresis
---
0.1
---
V
ILEN
EN Leakage Current
VEN=5V, VIN = 5V
-1
---
1
uA
TOTP
Over‐Temperature Protection
TJ Rising
---
150
---
℃
Over‐Temperature Protection
TJ Falling
---
40
---
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com