Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9210 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC9210
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9210 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC9210 Datasheet HTML 1Page - E-CMOS Corporation EC9210 Datasheet HTML 2Page - E-CMOS Corporation EC9210 Datasheet HTML 3Page - E-CMOS Corporation EC9210 Datasheet HTML 4Page - E-CMOS Corporation EC9210 Datasheet HTML 5Page - E-CMOS Corporation EC9210 Datasheet HTML 6Page - E-CMOS Corporation EC9210 Datasheet HTML 7Page - E-CMOS Corporation EC9210 Datasheet HTML 8Page - E-CMOS Corporation EC9210 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9210
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 16
5E29N-Rev.F002
Pin Configurations
Figure 2 Pin Configuration of EC9210(Top View)
Pin Description
Pin Number
Pin Name
Description
1
LX
Switch pin. Connect this pin to inductor/diode here.
2
GDN
GND
3
FB
Feedback Input. The device senses feedback voltage via FB and regulate the voltage at
1.23V. Connecting FB wi th a resistor‐divider from the output that sets the output voltage.
4
EN
Enable Control Input. Forcing this pin above 1.0V enables the device. Forcing this pin
below 0.4V to shut it down. In shutdown, all functions are disabled to decrease the supply
current below 1μA. Do not left this pin floating.
5
IN
Main Supply Pin. Must be closely decoupled to GND with a 2.2μF or greater ceramic
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com