Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9210 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC9210
Description  High Efficiency 1.5MHz, Step up Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9210 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC9210 Datasheet HTML 8Page - E-CMOS Corporation EC9210 Datasheet HTML 9Page - E-CMOS Corporation EC9210 Datasheet HTML 10Page - E-CMOS Corporation EC9210 Datasheet HTML 11Page - E-CMOS Corporation EC9210 Datasheet HTML 12Page - E-CMOS Corporation EC9210 Datasheet HTML 13Page - E-CMOS Corporation EC9210 Datasheet HTML 14Page - E-CMOS Corporation EC9210 Datasheet HTML 15Page - E-CMOS Corporation EC9210 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
High Efficiency 1.5MHz, Step up Regulator
EC9210
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 16
5E29N-Rev.F002
Function Description
Main Control Loop
The EC9210 is a constant frequency and current-mode switching
regulator. In normal operation, the internal N channel power
MOSFET is turned on each cycle when the oscillator sets an
internal RS latch, and then turned off when an internal comparator
(ICMP) resets the latch. The peak inductor current at which ICMP
resets the RS latch is controlled by the voltage on the COMP node
which is the output of the error amplifier (EAMP). An external
resistive divider connected between VOUT and ground allows the
EAMP to receive an output feedback voltage VFB at FB pin. When
the load current increases, it causes a slightly to decrease in VFB
associated with the 1.23V reference, which in turn, it causes the
COMP voltage to increase until the average inductor current
matches the new load current.
VIN Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout (UVLO) circuit compares the input
voltage at VIN with the UVLO threshold to ensure the input voltage
is high enough for reliable operation. The 100mV (typ) hysteresis
prevents supply transients from causing a restart. Once the input
voltage exceeds the UVLO rising threshold, startup begins. When
the input voltage falls below the UVLO falling threshold, the
controller turns off the converter.
Soft-Start
The EC9210 has a built-in soft-start to control the output voltage
rise during start-up. During soft-start, an internal ramp voltage,
connected to the one of the positive inputs of the error amplifier,
raises up to replace the reference voltage (1.23V typical) until the
ramp voltage reaches the reference voltage.
Current-Limit Protection
The EC9210 monitors the inductor current, flows through the
N-channel MOSFET, and limits the current peak at current-limit
level to prevent loads and the EC9210 from damaging during
overload or short-circuit conditions.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction temperature of the
EC9210. When the junction temperature exceeds 150℃, a thermal
sensor turns off the power MOSFET allowing the devices to cool.
The thermal sensor allows the converters to start a soft-start
process and regulates the output voltage again after the junction
temperature cools by 40℃. The OTP is designed with a 40℃
hysteresis to lower the average Junction Temperature (TJ) during
continuous thermal overload conditions increasing the lifetime of
the device.
Enable/Shutdown
Driving EN to the ground places the EC9210 in shutdown mode.
When in shutdown, the internal power MOSFET turns off, all
internal circuitry shuts down, and the quiescent supply current
reduces to 1
μA maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com