Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9215 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC9215
Description  Step-up DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9215 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC9215 Datasheet HTML 1Page - E-CMOS Corporation EC9215 Datasheet HTML 2Page - E-CMOS Corporation EC9215 Datasheet HTML 3Page - E-CMOS Corporation EC9215 Datasheet HTML 4Page - E-CMOS Corporation EC9215 Datasheet HTML 5Page - E-CMOS Corporation EC9215 Datasheet HTML 6Page - E-CMOS Corporation EC9215 Datasheet HTML 7Page - E-CMOS Corporation EC9215 Datasheet HTML 8Page - E-CMOS Corporation EC9215 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Step-up DC/DC Controller
EC9215
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 15
5J15N-Rev.F001
General Description
The EC9215 is a single PWM, step‐ up DC‐ DC controller
with low operating voltage application integrating softstart and
short circuit detection function. The oscillator switching
frequency on chip can be operated by terminating OSC pin to
connect capacitor and resistor for adjustable operating
frequency. Soft‐ start is adjusted with the external capacitor,
which sets the input current ramp. Besides, the external
compensation FB pin will apply the flexibility in the dynamic
loop status, which allows using small and low equivalent
series resistance (ESR) ceramic output capacitors.
The EC9215 is available in a Pb‐ free, SOP‐ 8L and
TSSOP-8L package.
Features
●2.5 to 5.5V Input Voltage Range
●Adjustable Frequency: Maximum 1MHZ
●Incorporates Soft‐ Start Function
●Built‐ in Short‐ Circuit Detection Circuit (SCP)
●Low Operating Current: Maximum to 1mA
●Low Shutdown Current: Maximum to 1µA
●Under‐ Voltage Lockout
●Package: SOP‐ 8 and TSSOP‐ 8
●Lead Free and Green Devices Available (RoHS
Compliant)
Applications
●LCD Display Power Source
●PDA, PMP, MP3
●Digital Camera
Pin Assignments
Figure1 Pin Configuration of EC9215(Top View)
Pin Description
Pin Number
Pin Name
Description
1
INV
Internal 0.5V reference voltage. Use a resistor divider to set the output voltage
2
SCP
Soft‐ start and short‐ circuit detection, connects a capacitor from the pin to ground.
3
VDD
Power supply input pin for IC voltage
4
CTL
Output control pin. Low = operating mode; High = shutdown mode.
5
OUT
External MOSFET driving pin.
6
GND
GND
7
OSC
Setting capacitor and resister to provide oscillation switching frequency adjustment.
8
FB
Error amplifier output pin. Setting circuit for IC compensation.


Similar Part No. - EC9215

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9210 E-CMOS-EC9210 Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9210NNT2R E-CMOS-EC9210NNT2R Datasheet
903Kb / 16P
High Efficiency 1.5MHz, Step up Regulator
EC9211 E-CMOS-EC9211 Datasheet
847Kb / 15P
High Efficiency 1.5MHz, Step up Regulator
EC9211NNB3R E-CMOS-EC9211NNB3R Datasheet
847Kb / 15P
High Efficiency 1.5MHz, Step up Regulator
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
TFT- LCD DC-DC Converters with Operational Amplifiers
More results

Similar Description - EC9215

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
logo
Unisonic Technologies
L3380 UTC-L3380 Datasheet
166Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
Torex Semiconductor
XC9120 TOREX-XC9120 Datasheet
274Kb / 17P
Step-Up DC/DC Controller IC,
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
logo
Unisonic Technologies
UC3380 UTC-UC3380 Datasheet
266Kb / 9P
PWM STEP UP DC-DC CONTROLLER
UC3380 UTC-UC3380_15 Datasheet
278Kb / 9P
PWM STEP UP DC-DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
Step-up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com