Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9215 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9215
Description  Step-up DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9215 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9215 Datasheet HTML 1Page - E-CMOS Corporation EC9215 Datasheet HTML 2Page - E-CMOS Corporation EC9215 Datasheet HTML 3Page - E-CMOS Corporation EC9215 Datasheet HTML 4Page - E-CMOS Corporation EC9215 Datasheet HTML 5Page - E-CMOS Corporation EC9215 Datasheet HTML 6Page - E-CMOS Corporation EC9215 Datasheet HTML 7Page - E-CMOS Corporation EC9215 Datasheet HTML 8Page - E-CMOS Corporation EC9215 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Step-up DC/DC Controller
EC9215
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 15
5J15N-Rev.F001
Electrical Characteristics
(VDD = 3.3V, TA = 25°C unless otherwise specified)
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ENTIRE DEVICE
Supply Voltage
VDD
2.5
5.5
V
Supply Current
IDD
VDD=2.5V to 5.5V
0.7
1
mA
Shutdown Current
ISD
CTL pin open or VDD
0.1
1
µA
Maximum Duty Cycle
DMAX
RT =3.3K, CT =270pF
80
85
92
%
UNDER‐ VOLTAGE LOCKOUT PROTECTION
VDD Startup Threshold Voltage
VTH
2.0
2.4
V
Hysteresis voltage
VR
150
mV
SOFT‐ START
Voltage at Soft‐ Start Completion
VSS
0.7
0.8
0.9
V
Soft‐ Start Charge Current
ICS
VSCP =0V
‐ 0.7
‐ 1.0
‐ 1.5
µA
Voltage at Soft‐ Start Completion
VSS
0.7
0.8
0.9
V
Soft‐ Start Charge Current
ICS
VSCP =0V
‐ 0.7
‐ 1.0
‐ 1.5
µA
SHORT CIRCUIT PROTECTION (SCP)
Threshold Voltage
VSCP
0.7
0.8
0.9
V
Charge Current
ISCP
VSCP =0V
‐ 0.7
‐ 1.0
‐ 1.5
µA
SAWTOOTH WAVEFORM OSCILLATOR (OSC)
Oscillator Frequency
FOSC
RT =3.3k, CT =270pF
500
600
700
kHz
Frequency Stability for Voltage
FDV
VDD=2.5V to 5.5V
2
5
%
Frequency Stability for Temperature
FDT
TA=‐ 40°C to 85°C
5
%
ERROR AMPLIFIER
Reference Voltage
VREF
VFB=INV
0.490
0.5
0.510
V
VREF Stability
VDD= 2.5V to 5.5V
5
20
mV
VREF Variation with Temperature
TA=-40℃ to 85℃
1
%
Transconductance
gm
1000
1300
1600
uA/V
Input Bias Current
IB
INV=0V
1
uA
Output Voltage Range
VOH
1.6
1.8
V
VOL
0.01
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com