Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9215 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9215
Description  Step-up DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9215 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9215 Datasheet HTML 1Page - E-CMOS Corporation EC9215 Datasheet HTML 2Page - E-CMOS Corporation EC9215 Datasheet HTML 3Page - E-CMOS Corporation EC9215 Datasheet HTML 4Page - E-CMOS Corporation EC9215 Datasheet HTML 5Page - E-CMOS Corporation EC9215 Datasheet HTML 6Page - E-CMOS Corporation EC9215 Datasheet HTML 7Page - E-CMOS Corporation EC9215 Datasheet HTML 8Page - E-CMOS Corporation EC9215 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Step-up DC/DC Controller
EC9215
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 15
5J15N-Rev.F001
Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
‐ 0.3 to 7
V
VIO
Input/Output Pins
‐ 0.3 to 7
V
TA
Operating Ambient Temperature Range
‐ 40 to 85
℃
TJ
Junction Temperature Range
‐ 40 to 150
℃
TSTG
Storage Temperature Range
‐ 60 to 150
℃
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
℃
Symbol
Parameter
Rating
Unit
Min.
Typ.
Max.
VDD
Supply Voltage
2.5
‐
5.5
V
VINV
Error Amplifier Invert Input Voltage
-0.2
1
V
VCTL
Control Pin Input Voltage
-0.2
VDD
V
CSCP
SCP Pin Capacitor
0.1
uF
RT
Timing Resistance
1.0
3.3
10
KΩ
CT
Timing Capacitor
100
270
pF
FSW
Oscillator Frequency
200
600
1000
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com