Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9215 Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC9215
Description  Step-up DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9215 Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC9215 Datasheet HTML 7Page - E-CMOS Corporation EC9215 Datasheet HTML 8Page - E-CMOS Corporation EC9215 Datasheet HTML 9Page - E-CMOS Corporation EC9215 Datasheet HTML 10Page - E-CMOS Corporation EC9215 Datasheet HTML 11Page - E-CMOS Corporation EC9215 Datasheet HTML 12Page - E-CMOS Corporation EC9215 Datasheet HTML 13Page - E-CMOS Corporation EC9215 Datasheet HTML 14Page - E-CMOS Corporation EC9215 Datasheet HTML 15Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Step-up DC/DC Controller
EC9215
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 15
5J15N-Rev.F001
Output Circuit
The output circuit is a typical push‐ pull configuration to drive an external NMOS transistor directly.
It can provide a 200mA source/sink to/from OUT (pin 5).
Soft-Start and Short Circuit Detection
Soft-start operation is set by connecting capacitor CSCP to the SCP pin (pin 2).Soft-start prevents
a current spike on start-up. On completion of the soft‐ start operation, the SCP pin (pin 2)
stays low and enters the short circuit detection wait state. When an output short circuit
occurs, the error amplifier output is fixed at 1.8V and capacitor CSCP starts charging.
After charging to approximately 0.8 V, the output pin (pin5) is set low and the SCP pin stays low.
Once the protection circuit operates, the circuit can be restored by resetting the power supply.
Short circuit detection time can be calculate as below:
Under-Voltage Lock Out (UVLO)
Transients during powering on or instantaneous glitches in the supply voltage can cause
system damage or failure. The circuit prevents malfunction at low input voltage detects a low
input voltage by comparing the supply voltage with the internal reference voltage. On detection,
the circuit fixes the output pin to low. The system recovers when the supply voltage rises back
above the threshold voltage of thermal function prevention circuit.
Layout Consideration
Switching Noise Decoupling Capacitor
A 0.1uF ceramic capacitor should be placed close to the VOUT pin and the GND pin of the chip to
filter the switching spikes in the output voltage monitored by the VOUT pin.
Feedback Network
The feedback networks should be connected directly to a dedicated analog ground plane and
this ground plane must connect to the GND pin. If no analog ground plane is available,
and then this ground must tie directly to the GND pin. The feedback network, resistors R2
and R3, should be kept close to the FB pin, and away from the inductor.
Input Capacitor
The input capacitor CIN in VIN must be placed close to the IC. This will reduce copper trace
resistance which effects input voltage ripple of the IC. For additional input voltage filtering, a 1uF
capacitor can be placed in parallel with CIN, close to the VDD pin, to shunt any high frequency noise
to the ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com