Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5821 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC5821
Description  10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5821 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC5821 Datasheet HTML 3Page - E-CMOS Corporation EC5821 Datasheet HTML 4Page - E-CMOS Corporation EC5821 Datasheet HTML 5Page - E-CMOS Corporation EC5821 Datasheet HTML 6Page - E-CMOS Corporation EC5821 Datasheet HTML 7Page - E-CMOS Corporation EC5821 Datasheet HTML 8Page - E-CMOS Corporation EC5821 Datasheet HTML 9Page - E-CMOS Corporation EC5821 Datasheet HTML 10Page - E-CMOS Corporation EC5821 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
10MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5821
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 8 of 11
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply-Voltage Range
VDD
Guaranteed by the PSRR test
2.2
-
5.5
V
VDD = 3V
-
0.8
-
Quiescent Supply Current (per
Amplifier)
IDD
VDD = 5V
-
0.8
1.2
mA
TA = +25°C
-
-
±5
TA = -40°C to +85°C
-
-
-
Input Offset Voltage
VOS
TA = -40°C to +125°C
-
-
±1.5
mV
Input Offset Voltage Tempco
∆VOS/∆T
-
±0.3
±6
µV/°C
Input Bias Current
IB
(Note 3)
-
±1
±100
pA
Input Offset Current
IOS
(Note 3)
-
±1
±100
pA
Guaranteed by the TA = 25°C
-0.2
-
VDD+0.2
Input Common-Mode Voltage
Range
VCM
CMRR test TA = -40
°C to +125°C
0
-
VDD0
V
Vss-0.2V
≤VCM≤VDD+0.2V
TA = +25°C
-
75
-
Vss≤VCM≤5V
TA = +25°C
65
80
-
Common-Mode Rejection Ratio
CMRR
Vss-0.2V
≤VCM≤VDD+0.2V
TA = -40°C to +125°C
-
65
-
dB
Power-Supply Rejection Ratio
PSRR
VDD = +2.2V to +5.5V
75
90
-
dB
RL=100k
Ω to VDD/2,
100mV≤VO≤VDD -125mV
90
100
-
RL=1k
Ω to VDD/2,
200mV≤VO≤VDD -250mV
75
85
-
Open-Loop Voltage Gain
AV
RL=500
Ω to VDD/2,
350mV≤VO≤VDD -500mV
55
65
-
dB
|VIN+-VIN-|
≥ 10mV
VDD-VOH
-
10
35
RL = 10k
Ω to VDD/2
VOL-VSS
-
10
30
|VIN+-VIN-|
≥ 10mV
VDD-VOH
-
80
200
RL = 1k
Ω to VDD/2
VOL-VSS
-
50
150
Output Voltage Swing
VOUT
|VIN+-VIN-|
≥ 10mV
VDD-VOH
100
350
mV
Electrical Characteristics
(VDD = +5V, Vss = 0V, VCM = 0V, VOUT = VDD/2, RL=100K tied to VDD/2, SHDNB = VDD, TA = -40°C to
+125°C, unless otherwise noted. Typical values are at TA =+25°C.) (Notes 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com