Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5821 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC5821
Description  10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5821 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC5821 Datasheet HTML 3Page - E-CMOS Corporation EC5821 Datasheet HTML 4Page - E-CMOS Corporation EC5821 Datasheet HTML 5Page - E-CMOS Corporation EC5821 Datasheet HTML 6Page - E-CMOS Corporation EC5821 Datasheet HTML 7Page - E-CMOS Corporation EC5821 Datasheet HTML 8Page - E-CMOS Corporation EC5821 Datasheet HTML 9Page - E-CMOS Corporation EC5821 Datasheet HTML 10Page - E-CMOS Corporation EC5821 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
10MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5821
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 9 of 11
RL = 500
Ω to VDD/2
VOL-VSS
80
260
Output Short-Circuit Current
ISC
Sinking or Sourcing
-
±50
-
mA
PDB Logic Low
VIL
-
-
0.8
V
PDB Logic High
VIH
2
-
-
V
Turn-On Time
TON
-
2.2
-
µs
Turn-Off Time
TOFF
-
0.8
-
µs
Output Leakage Current
ILEAK
Shutdown Mode (PDB = VSS),
VOUT = VSS to VDD
-
±0.001
±1.0
µA
Input Capacitance
CIN
10
pF
Gain Bandwidth Product
GBW
AV = +1V/V
-
10
-
MHz
Slew Rate
SR
AV = +1V/V
-
4.5
-
V/µs
Full Power Bandwidth
Av = +1V/V
-
0.4
-
MHz
Phase Margin
φm
Av = +1V/V
-
55
-
deg
Gain Margin
Gm
Av = +1V/V
-
12
-
dB
Settling Time
tS
To 0.01%, VOUT = 2V step
AV = +1V/V
-
1
-
µs
Capacitive-Load Stability
CLOAD
No sustained oscillations.
Av = +1V/V
-
200
-
pF
Peak-to-Peak Input Noise
Voltage (Note 5)
en(p-p)
ƒ = 0.1Hz to 10Hz
-
5
-
µVp-p
Input Voltage Noise Density
en
ƒ = 10Hz
ƒ = 1kHz
ƒ = 30kHz
-
-
-
60
30
15
-
-
-
nV/
√Hz
Input Current Noise Density
in
ƒ = 1kHz
fA/
√Hz
Total Harmonic Distortion plus
Noise
THD+N
VOUT = 2Vp-p,
Av = +1V/V, ƒ = 1kHz
RL = 10k
Ω to GND ƒ = 20kHz
VOUT = 2Vp-p,
Av = +1V/V, ƒ = 1kHz
RL = 1k
Ω to GND ƒ = 20kHz
-
-
-
-
0.0001
0.002
0.0002
0.004
-
-
-
-
%
Note 1: All devices are 100% production tested at TA = +25°C ; all specifications over the automotive
temperature range is guaranteed by design, not production tested.
Note 2: Parameter is guaranteed by design.
Note 3: Peak-to-peak input noise voltage is defined as six times RMS value of input noise voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com