Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5821 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5821
Description  10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5821 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5821 Datasheet HTML 1Page - E-CMOS Corporation EC5821 Datasheet HTML 2Page - E-CMOS Corporation EC5821 Datasheet HTML 3Page - E-CMOS Corporation EC5821 Datasheet HTML 4Page - E-CMOS Corporation EC5821 Datasheet HTML 5Page - E-CMOS Corporation EC5821 Datasheet HTML 6Page - E-CMOS Corporation EC5821 Datasheet HTML 7Page - E-CMOS Corporation EC5821 Datasheet HTML 8Page - E-CMOS Corporation EC5821 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
10MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5821
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 2 of 11
Ordering Information
Part Number
Package
Marking
Marking Information
EC5821NNB2R
SOT23-5L
821YW
1. Y:Year
code(D=2013;E=2014;F=2015…)
2. W:Week Code( The big character of
A~Z is for the week of 1~26, and small
a~z is for the week of 27~52.
EC5821NNM1R
SOP-8L
EC5821
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
Application Information
Size
EC5821 series op amps are unity-gain stable and suitable for a wide range of general-purpose applications.
The small footprints of the EC5821 series packages save space on printed circuit boards and enable the
design of smaller electronic
products.
Power Supply Bypassing and Board Layout
EC5821 series operates from a single 2.2V to 5.5V supply or dual ±1.1V to ±2.75V supplies. For best
performance, a 0.1µF ceramic capacitor should be placed close to the VDD pin in single supply operation. For
dual supply operation, both VDD and VSS supplies should be bypassed to ground with separate 0.1µFceramic
capacitors.
Low Supply Current
The low supply current (typical 400µA) of EC5821 series will help to maximize battery life. They are ideal for
battery powered Systems
Operating Voltage
EC5821 series operate under wide input supply voltage (2.2V to 5.5V). In addition, all temperature
specifications apply from
-40℃ to +125℃. Most behavior remains unchanged throughout the full operating
voltage range. These guarantees ensure operation throughout the single Li-Ion battery lifetime.
EC5821NN XX X
B2:
:
:
:SOT23-5L
M1:
:
:
:SOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com