Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5821 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5821
Description  10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5821 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5821 Datasheet HTML 1Page - E-CMOS Corporation EC5821 Datasheet HTML 2Page - E-CMOS Corporation EC5821 Datasheet HTML 3Page - E-CMOS Corporation EC5821 Datasheet HTML 4Page - E-CMOS Corporation EC5821 Datasheet HTML 5Page - E-CMOS Corporation EC5821 Datasheet HTML 6Page - E-CMOS Corporation EC5821 Datasheet HTML 7Page - E-CMOS Corporation EC5821 Datasheet HTML 8Page - E-CMOS Corporation EC5821 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
10MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5821
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 1 of 11
General Description
The EC5821 is wideband, low-noise, low-distortion dual
operational amplifier, that offer rail-torail inputs / outputs and
single supply operation down to 2.2V.They draw 1.6mA
of quiescent supply current while featuring ultra-low
distortion(0.0002% THD+N), as well as low input voltage-
noise density (15nV/Hz) and low input currentnoise density
(0.5fA/Hz).These features make the devices an ideal choicef
or applications that require low distortion and/or low noise.
These amplifiers have inputs and outputs which swing rail-to-
rail and their input common mode voltage range includes
ground. The maximum input offset of these amplifiers is less
than 5mV.
The EC5821are unity gain stable witha gain-bandwidth
of 10MHz.The EC5821 is available in SOT23-5 and SOP 8
packages. The extended temperature range of -40°C to
+125°C over all supply voltages offers additional design
flexibility.
Features
● Single-Supply Operation from +2.2V ~ +5.5V
● Rail-to-Rail Input / Output
● Gain-Bandwidth Product: 10MHz (Typ.)
● Low Input Bias Current: 10pA (Typ.)
● Low Offset Voltage: 5mV (Max.)
● Quiescent Current: 800µA per Amplifier (Typ.)
● Operating Temperature: -40°C ~ +125°C
● Available in SOT23-5 and SOP8 Packages
Application
● Portable Equipment
● Mobile Communications
● Smoke Detector
● Sensor Interface
● Medical Instrumentation
● Battery-Powered Instruments
● Handheld Test Equipment
Pin Assignments
Figure 1. Pin Assignment Diagram (SOT23-5 and SOP8 Package)


Similar Part No. - EC5821

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5822 E-CMOS-EC5822 Datasheet
539Kb / 12P
10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5822NNM1R E-CMOS-EC5822NNM1R Datasheet
539Kb / 12P
10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
EC5822NNR1R E-CMOS-EC5822NNR1R Datasheet
539Kb / 12P
10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
More results

Similar Description - EC5821

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
CMOS Rail-to-Rail Operational Amplifier
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5822 E-CMOS-EC5822 Datasheet
539Kb / 12P
10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
TECH PUBLIC Electronics...
TPMCP6022T-ISN TECHPUBLIC-TPMCP6022T-ISN Datasheet
3Mb / 5P
10MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com