Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # ECT25S40
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button ECT25S40 Datasheet HTML 4Page - E-CMOS Corporation ECT25S40 Datasheet HTML 5Page - E-CMOS Corporation ECT25S40 Datasheet HTML 6Page - E-CMOS Corporation ECT25S40 Datasheet HTML 7Page - E-CMOS Corporation ECT25S40 Datasheet HTML 8Page - E-CMOS Corporation ECT25S40 Datasheet HTML 9Page - E-CMOS Corporation ECT25S40 Datasheet HTML 10Page - E-CMOS Corporation ECT25S40 Datasheet HTML 11Page - E-CMOS Corporation ECT25S40 Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 8 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Table 3. Status Register-2 (SR2)
Table 4. Status Register-1 (SR1)
BIT
Name
Function
Default
Value
Description
7
SUS
Suspend
Status
0
0 = Erase/Program not suspended
1 = Erase/Program suspended
6
CMP
Complement
Protect
0
0 = Normal Protection Map
1 = Inverted Protection Map
5
LB3
Security
Register
Lock Bits
0
OTP Lock Bits 3:1 for Security Registers 3:1
0 = Security Register not protected
1 = Security Register protected
4
LB2
0
3
LB1
0
2
Reserved
Reserved
0
1
QE
Quad
Enable
0
0 = Quad Mode Not Enabled, the /WP pin and
/HOLD are enabled.
1 = Quad Mode Enabled, the IO2 and IO3 pins are
enabled, and /WP and /HOLD functions are disabled
0
SRP1
Status
Resister
Protect 1
0
0 = SRP0 selects whether /WP input has effect on
protection of the status register
1 = SRP0 selects Power Supply Lock Down or OTP
Lock Down mode
BIT
Name
Function
Default
Value
Description
7
SRP0
Status
Resister
Protect 0
0
0 = /WP input has no effect or Power Supply Lock
Down
mode
1 = /WP input can protect the Status Register or
OTP
Lock Down
6
SEC
Sector/Block
Protect
0
0 = BP2-BP0 protect 64KB blocks
1 = BP2-BP0 protect 4KB sectors
5
TB
Top/Bottom
Protect
0
0 = BP2-BP0 protect from the Top down
1 = BP2-BP0 protect from the Bottom up
4
BP2
Block Protect
Bits
0
000b = No protection
See Table 6 and Table 7 for protection ranges
3
BP1
0
2
BP0
0
1
WEL
Write Enable
Latch
0
0 = Not Write Enabled, no embedded operation can
start
1 = Write Enabled, embedded operation can start
0
WIP
Write in
Progress
Status
0
0 = Not Busy, no embedded operation in progress
1 = Busy, embedded operation in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com