Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECT25S40
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECT25S40 Datasheet HTML 1Page - E-CMOS Corporation ECT25S40 Datasheet HTML 2Page - E-CMOS Corporation ECT25S40 Datasheet HTML 3Page - E-CMOS Corporation ECT25S40 Datasheet HTML 4Page - E-CMOS Corporation ECT25S40 Datasheet HTML 5Page - E-CMOS Corporation ECT25S40 Datasheet HTML 6Page - E-CMOS Corporation ECT25S40 Datasheet HTML 7Page - E-CMOS Corporation ECT25S40 Datasheet HTML 8Page - E-CMOS Corporation ECT25S40 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
● Software/Hardware Write Protection
- 3x256-Byte Security Registers with OTP Lock
- Enable/Disable protection with WP Pin
- Write protect all/portion of memory via software
- Top or Bottom, Sector or Block selection
● Single Supply Voltage
- Full voltage range: 2.7~3.6V
● Temperature Range
- Commercial (0℃ to +70℃)
- Industrial (-40℃ to +85℃)
● Cycling Endurance/Data Retention
- Typical 100k Program-Erase cycles on any sector
- Typical 20-year data retention at +55℃
Figure 1. Logic diagram
Figure 2. Pin Configuration SOP 150/208 mil, TSSOP173mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com