Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40 Datasheet(PDF) 33 Page - E-CMOS Corporation

Part # ECT25S40
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40 Datasheet(HTML) 33 Page - E-CMOS Corporation

Back Button ECT25S40 Datasheet HTML 29Page - E-CMOS Corporation ECT25S40 Datasheet HTML 30Page - E-CMOS Corporation ECT25S40 Datasheet HTML 31Page - E-CMOS Corporation ECT25S40 Datasheet HTML 32Page - E-CMOS Corporation ECT25S40 Datasheet HTML 33Page - E-CMOS Corporation ECT25S40 Datasheet HTML 34Page - E-CMOS Corporation ECT25S40 Datasheet HTML 35Page - E-CMOS Corporation ECT25S40 Datasheet HTML 36Page - E-CMOS Corporation ECT25S40 Datasheet HTML 37Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 33 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Figure 29. 32KB Block Erase Sequence Diagram
64KB Block Erase (D8H)
The 64KB Block
Erase instruction is for erasing the
all
data
of
the chosen block. A
Write Enable instruction must previously have been executed to set the Write Enable Latch bit.
The 64KB Block Erase instruction is entered by driving /CS low, followed by the instruction
code, and 3-byte address on SI. Any address inside the block is a valid address for the
64KB Block Erase instruction. /CS must be driven low for the entire duration of the sequence.
See Figure 30, the 64KB Block Erase instruction sequence: /CS goes low sending 64KB
Block Erase instruction 3-byte address on SI /CS goes high. /CS must be driven high after the
eighth bit of the last address byte has been latched in; otherwise the 64KB Block Erase
instruction is not executed. As soon as /CS is driven high, the self-timed Block Erase cycle
(whose duration is tBE) is initiated. While the Block Erase cycle is in progress, the Status
Register may be read to check the value of the Write In Progress (WIP) bit. The Write In
Progress(WIP) bit is 1 during the self-timed Block Erase cycle, and is 0 when it is completed.
At some unspecified time before the cycle is completed, the Write Enable Latch bit is reset. A
64KB Block Erase instruction applied to a block
which is protected by the Block Protect (SEC,
TB, BP2, BP1, BP0) bits (see
Table 6&7) is not executed.
Figure 30. 64KB Block Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com