Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S40 Datasheet(PDF) 22 Page - E-CMOS Corporation

Part # ECT25S40
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40 Datasheet(HTML) 22 Page - E-CMOS Corporation

Back Button ECT25S40 Datasheet HTML 18Page - E-CMOS Corporation ECT25S40 Datasheet HTML 19Page - E-CMOS Corporation ECT25S40 Datasheet HTML 20Page - E-CMOS Corporation ECT25S40 Datasheet HTML 21Page - E-CMOS Corporation ECT25S40 Datasheet HTML 22Page - E-CMOS Corporation ECT25S40 Datasheet HTML 23Page - E-CMOS Corporation ECT25S40 Datasheet HTML 24Page - E-CMOS Corporation ECT25S40 Datasheet HTML 25Page - E-CMOS Corporation ECT25S40 Datasheet HTML 26Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 22 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Quad I/O Fast Read (EBH)
See Figure 16, the Quad I/O Fast Read instruction is similar to the Dual I/O Fast Read
Instruction but with the capability to input the 3-byte address (A23-0) and a
“Continuous
Read Mode” byte and 4-dummy clock 4-bit per clock by IO0, IO1, IO3, IO4, each bit being
latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per
clock cycle from IO0, IO1, IO2, IO3. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is
shifted out. The Quad Enable bit (QE) of Status Register must be set to enable for the Quad
I/O Fast read instruction.
Figure 16. Quad I/O Fast Read Sequence Diagram (M7-0= 0XH or not AXH)
Quad I/O Fast Read with “Continuous Read Mode”
See Figure17, the Quad I/O Fast Read instruction can further reduce instruction overhead
through setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address (A23-
A0). If the
“Continuous Read Mode” bits (M7-0) =AXH, then the next Quad I/O
Fast Read instruction (after /CS is raised and then lowered) does not require the EBH
instruction code. If the“
Continuous Read Mode” bits (M7-0) are any value other than AXH,
the next instruction requires the first EBH instruction code, thus returning to normal operation.
A “Continuous Read Mode” Reset instruction can be used to reset (M7-0) before issuing
normal instruction.
Figure 17. Quad I/O Fast Read Sequence Diagram (M7-0= AXH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com