Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXHQ100
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXHQ100 Datasheet HTML 1Page - IXYS Corporation IXHQ100 Datasheet HTML 2Page - IXYS Corporation IXHQ100 Datasheet HTML 3Page - IXYS Corporation IXHQ100 Datasheet HTML 4Page - IXYS Corporation IXHQ100 Datasheet HTML 5Page - IXYS Corporation IXHQ100 Datasheet HTML 6Page - IXYS Corporation IXHQ100 Datasheet HTML 7Page - IXYS Corporation IXHQ100 Datasheet HTML 8Page - IXYS Corporation IXHQ100 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Symbol
Symbol
Symbol
Symbol
Symbol
Definition
Definition
Definition
Definition
Definition
Max. Rating
Max. Rating
Max. Rating
Max. Rating
Max. Rating
V
CC-VAGND
Voltage applied V
CCin to AGND
Shunt Off: -0.3 V to 16 V
Shunt On:
-0.3 V to 14 V
Shunt On for 10 seconds
14V to 16 V
All other pins except V
DC
-0.3 V to V
CCin + 0.3 V
I
VDD
V
DD Load Current
60 mA
T
JM
Maximum Junction Temperature
125 oC
T
J0
Operating Temperature Range
-40 oC to 85 oC
T
stg
Storage Temperature Range
-40 oC to 150 oC
I
DD
Supply Current with Shunt On
25 mA
Symbol
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Parameter
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Max Units
Units
Units
Units
Units
I
CC
Supply current
V
CC=12 V, VSHUNToff = VCC,2
3
mA
all outputs unloaded.
V
CCSHUNT
V
CC
shunt regulation
I
CC forced to 10 mA
12
13.8
16
V
voltage
when shunt is off
V
THSHUNToff
SHUNToff input
V
CC = 15 V, monitor RSTOUT
1
1.5
2
V
threshold voltage
I
SHUNToff
SHUNToff input
-1
0
1
µA
bias current
V
THINV
INV input
V
CC = 12 V, monitor RSTOUT
68
10
V
threshold voltage
R
INV
INV input
70
130
180
K
resistance
V
THGSNS
GSNS sense input
V
CC = 12 V, monitor RSTOUT
4.5
5.8
6
V
threshold voltage
I
GSNSin
GSNSin input
-2.6
-2.3
-2
µA
bias current
I
CAPin
CAPin input bias current
-1
0
1
µA
V
VDROP
Active filter offset voltage
0.7
0.9
1.1
V
R
VDROP
V
DROP input resistance
50
70
90
K
I
SLOPE
SLOPE capacitor
V
OFFTM = 5 V, VGSOURCE = 0 V
70
85
110
mA
charging current
V
CAPin= 5 V
R
SLOPEDCHG
SLOPE capacitor
V
DROP = 5 V, IVT = VCC
90
200
discharge resistance
V
SOURCE = 0 V, VCAPin= 5 V
I
OFFTM
OFFTM capacitor
V
DROP = 5 V, VSOURCE = 0 V
80
100
120
mA
charging current
V
CAPin= 5 V
R
OFFTMCHG
OFFTM capacitor
111
200
discharge resistance
V
THOFFTM
OFFTM input threshold
OFFTM input voltage when SLOPE
3.8
4.5
5.5
V
voltage
input voltage starts its ramp
V
CL
Overcurrent threshold bias voltage
90
125
150
mV
Pin Description
Pin Description
Pin Description
Pin Description
Pin Description
Unless otherwise noted, T
A = 25
oC; -V
IN= 48 V, AGND connected to -VIN, VSHUNToff = 5 V, VCC = 12 V, VGSNSin= 12 V.
All voltage measurements
with respect to AGND. IXHQ100 configured as described in
Test Conditions.
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
IXHQ 100PI
IXHQ 100SI



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com