Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXHQ100
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100 Datasheet(HTML) 3 Page - IXYS Corporation

  IXHQ100 Datasheet HTML 1Page - IXYS Corporation IXHQ100 Datasheet HTML 2Page - IXYS Corporation IXHQ100 Datasheet HTML 3Page - IXYS Corporation IXHQ100 Datasheet HTML 4Page - IXYS Corporation IXHQ100 Datasheet HTML 5Page - IXYS Corporation IXHQ100 Datasheet HTML 6Page - IXYS Corporation IXHQ100 Datasheet HTML 7Page - IXYS Corporation IXHQ100 Datasheet HTML 8Page - IXYS Corporation IXHQ100 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics (continued)
Symbol
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Parameter
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Max Units
Units
Units
Units
Units
R
VCL
VCL bias resistance
4
6
10
k
Ω
t
OC
Overcurrent detection
V
CAPin = 0 V; VOUTsns = 5 V
20
30
ms
to GATE output delay
V
SOURCE input is a step at t = 0s
from 0 V to 200 mV
dv
GATE/dt
GATE output slew rate
C
SLOPE= 100 nF
0.5
0.8
1.1
V/ms
V
GATE
Maximum GATE
V
CAPin = 0 V; R
load
= 10 K
Ω
13.8
15
V
output voltage
V
OUTsns = 5 V
I
GATE
GATE pull-up current
Gate drive on, V
GATE = 0 V
-15
-10
mA
I
GATE
GATE pull-down
Gate drive off
10
20
mA
current
V
GATE = 10 V
V
DD
V
DD regulator output
3.3K Resistive load
5
5.75
6.5
V
Voltage
between V
DD output and AGND
I
RSTout
RSTout drive current
Force V
RSTout =1 V during fault condition
2.4
3
3.6
mA
t
RST
RST pulse width
200
500
1000
ns
V
ad
Auto-Detect threshold
Gate drive on; ramp V
OUTsns; monitor
-10
12
20
mV
RST until it pulses.
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent damage to the
device. Typical values indicate conditions for which the device is intended to be functional, but do not guarantee specific
performance limits. The guaranteed specifications apply only for the test conditions listed. Exposure to absolute maximum
rated conditions for extended periods may affect device reliability.
Note2: All voltages are relative to ground unless otherwise specified.
Typical Performance Characteristics
Typical Performance Characteristics
Typical Performance Characteristics
Typical Performance Characteristics
Typical Performance Characteristics
IXHQ 100PI
IXHQ 100SI
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
2.12
2.14
2.16
2.18
Temperature (oC)
-60 -40 -20
0
20 40
60 80 100
5.4
5.5
5.6
5.7
5.8
5.9
6.0
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com