Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXHQ100
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXHQ100 Datasheet HTML 1Page - IXYS Corporation IXHQ100 Datasheet HTML 2Page - IXYS Corporation IXHQ100 Datasheet HTML 3Page - IXYS Corporation IXHQ100 Datasheet HTML 4Page - IXYS Corporation IXHQ100 Datasheet HTML 5Page - IXYS Corporation IXHQ100 Datasheet HTML 6Page - IXYS Corporation IXHQ100 Datasheet HTML 7Page - IXYS Corporation IXHQ100 Datasheet HTML 8Page - IXYS Corporation IXHQ100 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Features
• Live Insertion and Removal Power Manager
• Adjustable Power-on slew rate
• Autodetect of Load Open Circuit or -VIN
Disconnection
• Controlled Time-Delay
• Operates from –9 V to External MOSFET Voltage
Limit
• Fault Indication Output (microprocessor reset).
• Board Insertion/Removal Detector Input
• Protection During Turn-On
• Low frequency Power Active Filter
• Adjustable Electronic Circuit Breaker
•V
in undervoltage with GSNSin input
Applications
• Arcless card insertion and removal
• Central Office Switching Hardware
• Circuit Boards From -48 V Distributed Power
Supplies
• Circuit Board Power Manager and Noise Filter
• Circuit Board Hot Swap Protector and Manager
• Electronic Circuit Breaker
• Wireless Local Loop Antennas
• Cable TV Antenna
1:0321
1:0351
Negative Voltage Hot Swap Controller
with Active Power Filter
Typical Application with Auto-Disconnect Detector
CAUTION: These devices are
sensitvie to electrostatic discharge;
take caution when handling and
assembling this component.
Copyright © IXYS CORPORATION 2000
Description
The IXHQ100 is a live insertion and removal hot swap
controller with a built-in power noise filter. It incorpo-
rates all the active circuitry necessary to protect circuit
boards during live insertion or removal (insertion or
removal when the system power is active). Additionally,
the IXHQ100 incorporates two unique features: power
active filter for powerline noise suppression and power
auto-disconnect detector which eliminates the need of
additional staggered pins.
The IXHQ100 shunt regulator ensures a wide operating
voltage range (with the external MOSFET breakdown
voltage as limit). The active power filter reduces power
source output impedance, producing "clean" load
power. The IXHQ100 allows continuous load current
rise adjustments, presettable maximum current limits,
and user selectable fault indication turn off times for
resetting
µPs and other synchronous board level sys-
tems. For added flexibility, GSNSin pin is available to
implement either circuit board insertion/removal detec-
tion or ground detection.
US Patents Pending.
www.ixys.com
98716 (08/14/00)
IXYS reserves the right to change limits, test conditions and dimensions.
Figure 1
Figure 1
Figure 1
Figure 1
Figure 1


Similar Part No. - IXHQ100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXHQ100PI IXYS-IXHQ100PI Datasheet
74Kb / 4P
Negative Voltage Hot Swap Controller with Active Power Filter
IXHQ100SI IXYS-IXHQ100SI Datasheet
74Kb / 4P
Negative Voltage Hot Swap Controller with Active Power Filter
More results

Similar Description - IXHQ100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
logo
IXYS Corporation
IXHQ100PI IXYS-IXHQ100PI Datasheet
74Kb / 4P
Negative Voltage Hot Swap Controller with Active Power Filter
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com