Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXHQ100
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100 Datasheet(HTML) 5 Page - IXYS Corporation

  IXHQ100 Datasheet HTML 1Page - IXYS Corporation IXHQ100 Datasheet HTML 2Page - IXYS Corporation IXHQ100 Datasheet HTML 3Page - IXYS Corporation IXHQ100 Datasheet HTML 4Page - IXYS Corporation IXHQ100 Datasheet HTML 5Page - IXYS Corporation IXHQ100 Datasheet HTML 6Page - IXYS Corporation IXHQ100 Datasheet HTML 7Page - IXYS Corporation IXHQ100 Datasheet HTML 8Page - IXYS Corporation IXHQ100 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Frequency (Hz)
1e+1 1e+2 1e+3 1e+4 1e+5 1e+6
-70
-60
-50
-40
-30
-20
-10
0
10
20
Pin Descriptions
Pin Descriptions
Pin Descriptions
Pin Descriptions
Pin Descriptions
IXHQ 100PI
IXHQ 100SI
Supply Voltage (V)
0
20
40
60
80
100
120
6
8
10
12
14
16
Graph 9: Gate Voltage vs. Supply Voltage
Graph 9: Gate Voltage vs. Supply Voltage
Graph 9: Gate Voltage vs. Supply Voltage
Graph 9: Gate Voltage vs. Supply Voltage
Graph 9: Gate Voltage vs. Supply Voltage
Graph 10: Typical Noise Attenuation
Graph 10: Typical Noise Attenuation
Graph 10: Typical Noise Attenuation
Graph 10: Typical Noise Attenuation
Graph 10: Typical Noise Attenuation
PIN #
SYMBOL
FUNCTION
DESCRIPTION
1
INV
Invert
Input
The invert input controls GSNSin’s polarity. When
invert input is high compared to AGND, then GSNSin
low indicates an insertion/removal event. When invert
input is low, then GSNSin high indicates an
insertion/removal event.
15
GSNSin
Ground Sense
Input
The INV pin controls the polarity sense of this input.
A 3uA internal pull-up current source causes logic
high when there is no connection at this pin. With INV
low or connected to AGND, a GSNSin low (or
connected to AGND) will keep RSTout and GATE
low, and the external power switch, Q1, off. A
disconnected GSNSin pin or when Vcc is applied to it
will allow normal operation
2
VCCin
Supply Voltage
Positive power-supply voltage input.
3
SHNToff
Shunt Off
This pin serves to control the enabling of the shunt
circuit. When the pin is high compared to AGND, then
the shunt regulator is in off position. A low level at
this pin activates the shunt regulator.
4
CAPin
Active low-
pass filter
capacitor input
The output of the power active filter tracks this pin.
Adding an external RC network matching the input
noise with respect to the 3db point of the filter could
reduce the noise to a minimum.
5
VDROP
Active filter
offset voltage
This pin sets the drop out MOSFET voltage across the
active filter.
6
SLOPE
Slope input
This input controls the current slope during power up
and
controls
inrush
currents.
Adding
external
capacitors to this pin allow regulation and adjustment
of the rate of the current slope.
7
OFFTM
Off-time
The OFFTM pin sets the delay time between power-
down and restart of IXHQ100. Delay time can be
increased by adding external capacitors to this pin.
8
AGND
Ground
The IXHQ100 system zero reference pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com